Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STE2004
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004 Datasheet(HTML) 1 Page - STMicroelectronics

  STE2004 Datasheet HTML 1Page - STMicroelectronics STE2004 Datasheet HTML 2Page - STMicroelectronics STE2004 Datasheet HTML 3Page - STMicroelectronics STE2004 Datasheet HTML 4Page - STMicroelectronics STE2004 Datasheet HTML 5Page - STMicroelectronics STE2004 Datasheet HTML 6Page - STMicroelectronics STE2004 Datasheet HTML 7Page - STMicroelectronics STE2004 Datasheet HTML 8Page - STMicroelectronics STE2004 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
1/66
STE2004
July 2004
1
FEATURES
■
102 x 65 bits Display Data RAM
■
Programmable MUX rate
■
Programmable Frame Rate
■
X,Y Programmable Carriage Return
■
Dual Partial Display Mode
■
Row by Row Scrolling
■
N-Line Inversion
■
Automatic data RAM Blanking procedure
■
Selectable Input Interface:
• I2C Bus Fast and Hs-mode (read and write)
• 68000 & 8080 Parallel Interfaces (read and write)
• 3-lines and 4-lines SPI Interface (read and write)
• 3-lines 9 bit Serial Interface (read and write)
■
Fully Integrated Oscillator requires no external
components
■
CMOS Compatible Inputs
■
Fully Integrated Configurable LCD bias voltage
generator with:
• Selectable multiplication factor (up to 5X)
• Effective sensing for High Precision Output
• Eight selectable temperature compensation
coefficients
■
Designed for chip-on-glass (COG) applications.
■
Low Power Consumption, suitable for battery
operated systems
■
Logic Supply Voltage range from 1.7 to 3.6V
■
High Voltage Generator Supply Voltage range
from 1.75 to 4.5V
■
Display Supply Voltage range from 4.5 to 14.5V
■
Backward Compatibility with STE2001/2
2
DESCRIPTION
The STE2004 is a low power CMOS LCD control-
ler driver. Designed to drive a 65 rows by 102 col-
umns graphic display, it provides all necessary
functions in a single chip, including on-chip LCD
supply and bias voltages generators, resulting in a
minimum of externals components and in a very
low power consumption.
STE2004 features six standard interfaces (3-lines
Serial, 3-lines SPI, 4-lines SPI, 68000 Parallel,
8080 parallel & I2C) for ease of interfacing with the
host micro-controller
Table 1. Order Codes
Part Numbers
Type
STE2004DIE1
Bumped Wafers
STE2004DIE2
Bumped Dice on Waffle Pack
102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
Figure 1. Block Diagram
COLUMN
DRIVERS
ROW
DRIVERS
DATA
LATCHES
65 x 102
RAM
DISPLAY
CONTROL
LOGIC
SCROLL
LOGIC
DATA
REGISTER
INSTRUCTION
REGISTER
CO to C101
R0 to R64
VSENSE SLAVE
RES
VDD1,2
CLOCK
TIMING
GENERATOR
BIAS VOLTAGE
GENERATOR
HIGH VOLTAGE
GENERATOR
RESET
TEST
SHIFT
REGISTER
VLCD
VSS
SEL1,2
EXT
ICON_MODE
VSSAUX
SAO
SDIN/SDA_IN SDA_OUT
SCLK/SCL
DB0
to
DB7
9 Bit SERIAL
D/C
CS
SA1
SDOUT
E/WR R/W- RD
I2C BUS
3 & 4 Line SPI
Parallel 8080
Parallel 68K
SEL 0
SEL 1
SEL 2
TEST_VREF
TEST_MODE
LR0047
OSC
OSC_IN
OSC_OUT
FR_IN
FR_OUT
MASTER
SLAVE SYNC
VLCDSENSE
Rev. 4


Similar Part No. - STE2004

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
102 x 65 single-chip LCD controller/driver
31-Jan-2007
STE2004SDIE2 STMICROELECTRONICS-STE2004SDIE2 Datasheet
1Mb / 79P
102 x 65 single-chip LCD controller/driver
31-Jan-2007
More results

Similar Description - STE2004

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8548 PHILIPS-PCF8548 Datasheet
206Kb / 40P
65 x 102 pixels matrix LCD driver
1999 Aug 16
PCF8549 PHILIPS-PCF8549 Datasheet
271Kb / 36P
65 x 102 pixels matrix LCD driver
1997 Nov 21
PCF8812 PHILIPS-PCF8812 Datasheet
201Kb / 36P
65 x 102 pixels matrix LCD driver
2000 Nov 22
OM6206 PHILIPS-OM6206 Datasheet
195Kb / 36P
65 X 102 pixels matrix LCD driver
2001 Nov 14
logo
STMicroelectronics
STE2001 STMICROELECTRONICS-STE2001 Datasheet
342Kb / 36P
65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Oct-2001
STE2004S STMICROELECTRONICS-STE2004S Datasheet
1Mb / 79P
102 x 65 single-chip LCD controller/driver
31-Jan-2007
logo
Sitronix Technology Co....
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
66 x 102 Dot Matrix LCD Controller/Driver
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com