Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004 Datasheet(PDF) 33 Page - STMicroelectronics

Part # STE2004
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STE2004 Datasheet HTML 29Page - STMicroelectronics STE2004 Datasheet HTML 30Page - STMicroelectronics STE2004 Datasheet HTML 31Page - STMicroelectronics STE2004 Datasheet HTML 32Page - STMicroelectronics STE2004 Datasheet HTML 33Page - STMicroelectronics STE2004 Datasheet HTML 34Page - STMicroelectronics STE2004 Datasheet HTML 35Page - STMicroelectronics STE2004 Datasheet HTML 36Page - STMicroelectronics STE2004 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
33/66
STE2004
Figure 41. 3-lines serial bus protocol - one byte transmission
Figure 42. 3-lines serial bus protocol - several byte transmission
Figure 43. 3-lines serial interface protocol in Reading Mode
Figure 44. 3-lines Serial Reading Sequence
MSB
SD/C
CS
SDIN
SCLK
LR0073
LSB
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
D/C
CS
SDIN
SCLK
LR0074
D/C
DB7
DB6
D/C
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
CS
SDIN
SCLK
High-Z
DB1
DB0
High-Z
Don't
Care
Don't
Care
Don't
Care
Don't
Care
Don't
Care
Don't
Care
Don't
Care
Command Write
DATA Read
DB7
DB6
DB5
DB4
DB3
DB2
SD/C
SDOUT
High-Z
DB1
DB0
High-Z
DB7
DB6
DB5
DB4
DB3
DB2
ID-Number
STATUS BYTE
Don't
Care
LR0075
DB7
SD/C
READING SEQUENCE
Write a "00000000" Instruction
Source 9 pulses on SCLK and
Read the ID Number or the Status Byte On SDOUT
END OF READING SEQUENCE
SDOUT Buffer Configured in High Impedence
LR0080
SDOUT Buffer becomes active (Low Impedence)
1
note: 1) these data are not read by the display Diver
2) SDIN and SDOUT can be short circuited if the processor can configure
serial output buffers in high impedence during data read
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com