Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STE2004
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STE2004 Datasheet HTML 23Page - STMicroelectronics STE2004 Datasheet HTML 24Page - STMicroelectronics STE2004 Datasheet HTML 25Page - STMicroelectronics STE2004 Datasheet HTML 26Page - STMicroelectronics STE2004 Datasheet HTML 27Page - STMicroelectronics STE2004 Datasheet HTML 28Page - STMicroelectronics STE2004 Datasheet HTML 29Page - STMicroelectronics STE2004 Datasheet HTML 30Page - STMicroelectronics STE2004 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
27/66
STE2004
out of the slave transmitter. The device that acknowledges has to pull down the SDA_IN line during the
acknowledge clock pulse. Of course, setup and hold time must be taken into account. A master receiver
must signal an end-of-data to the slave transmitter by not generating an acknowledge on the last byte that
has been clocked out of the slave. In this case, the transmitter must leave the data line High to enable the
master to generate the STOP condition.
Connecting SDA_IN and SDA_OUT together the SDA line become the standard data line. Having the ac-
knowledge output (SDAOUT) separated from the serial data line is advantageous in Chip-On-Glass
(COG) applications. In COG applications where the track resistance from the SDAOUT pad to the system
SDA line can be significant, a potential divider is generated by the bus pull-up resistor and the Indium Tin
Oxide (ITO) track resistance. It is possible that during the acknowledge cycle the STE2004 will not be able
to create a valid logic 0 level. By splitting the SDA input from the output the device could be used in a mode
that ignores the acknowledge bit. In COG applications where the acknowledge cycle is required, it is nec-
essary to minimize the track resistance from the SDACK pad to the system SDA line to guarantee a valid
LOW level.
To be compliant with the I2C-bus Hs-mode specification the STE2004 is able to detect the special se-
quence "S00001xxx". After this sequence no acknowledge pulse is generated.
Since no internal modification are applied to work in Hs-mode, the device is able to work in Hs-mode with-
out detecting the master code.
Figure 31. Bit transfer and START,STOP conditions definition
Figure 32. Acknowledgment on the I2C-bus
4.1.1 Communication Protocol
The STE2004 is an I2C slave. The access to the device is bi-directional since data write and status read
are allowed.
Four are the device addresses available for the device. All have in common the first 5 bits (01111). The
two least significant bit of the slave address are set by connecting the SA0 and SA1 inputs to a logic 0 or
to a logic 1.
To start the communication between the bus master and the slave LCD driver, the master must initiate a
START condition. Following this, the master sends an 8-bit byte, on the SDA bus line (Most significant bit
first). This consists of the 7-bit Device select Code, and the 1-bit Read/Write Designator (R/W).
All slaves with the corresponding address acknowledge in parallel, all the others will ignore the I2C-bus
transfer.
DATA LINE
STABLE
DATA VALID
CHANGE OF
DATA ALLOWED
START
CONDITION
STOP
CONDITION
CLOCK
DATA
LR0069
START
CLOCK PULSE FOR
ACKNOWLEDGEMENT
DATA OUTPUT
BY RECEIVER
SCLK FROM
MASTER
DATA OUTPUT
BY TRANSMITTER
LR0070
1
MSB
LSB
28
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com