Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004 Datasheet(PDF) 40 Page - STMicroelectronics

Part # STE2004
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STE2004 Datasheet HTML 36Page - STMicroelectronics STE2004 Datasheet HTML 37Page - STMicroelectronics STE2004 Datasheet HTML 38Page - STMicroelectronics STE2004 Datasheet HTML 39Page - STMicroelectronics STE2004 Datasheet HTML 40Page - STMicroelectronics STE2004 Datasheet HTML 41Page - STMicroelectronics STE2004 Datasheet HTML 42Page - STMicroelectronics STE2004 Datasheet HTML 43Page - STMicroelectronics STE2004 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
STE2004
40/66
6ID-NUMBER
The STE2004 allows to program a Driver Identification Number (ID-Number). This make possible to easily
manage on one platform more than one LCD module with different configuration parameters.
Four are the device ID-Numbers programmable: 00111100, 00111101, 0011110 & 0011111. All have in
common the first 6 bits (001111). The two least significant bit could be set connecting the SA0 and SA1
inputs to a VSS or VDD1.
The driver ID-number can be read through all communication interfaces. The way to read-out the ID-Num-
ber changes according the interface selected. The readout protocol for each interface is described in the
Bus interfaces paragraph.
Table 10. STE2001/2-like instruction Set
Instruction
D/C
R/W
Description
B7
B6
B5
B4
B3
B2
B1
B0
H=0 or H=1
Read Commnad
0
0
0
0000
000
Read I2C Address or Status Byte
(with 3-Lines Serial & 4-lines SPI only)
Function Set
0
0
0
0
1
MX
MY
PD
V
H[0] Power Down Management; Entry
Mode;
Status Byte
0
1
PD
BSY
0
DE
MX
MY
DO
(I2C interface only)
ID Code
0
1
0
01
11
1
ID1
ID0
Write Data
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Writes data to RAM
H=0
Memory Blank
0
0
0
0000
001
Starts Memory Blank Procedure
Scroll
0
0
0
0000
01
DIR
Scrolls by one Row UP or DOWN
VLCD Range Setting
0
0
0
0000
10
PRS
[0]
VLDC programming range selection
Display Control
0
0
0
0001
D
0
E
Select Display Configuration
Set CP Factor
0
0
0
0010
S2
S1
S0
Charge Pump Multiplication
factor
Set RAM Y
0
0
0
1
0
0
Y3
Y2
Y1
Y0
Set Horizontal (Y) RAM Address
Set RAM X
0
0
1
X6X5
X4X3X2X1
X0
Set Vertical (X) RAM Address
H=1
Checker Board
0
0
0
0000
001
Starts Checker Board Procedure
Duty
0
0
0
0000
01
MUX
Selects Duty factor
TC Select
0
0
0
0000
1
TC1 TC0 Set Temperature Coefficient for VLDC
Data Order
0
0
0
0001
DO
00
Bias Ratios
0
0
0
0010
BS2 BS1 BS0
Set desired Bias Ratios
Reserved
0
0
0
1
XXX
XXX
Not to be used
Set VOP
00
1
OP6
OP5
OP4
OP3
OP2
OP1
OP0
VOP register Write instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com