Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2004 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STE2004
Description  102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STE2004 Datasheet HTML 5Page - STMicroelectronics STE2004 Datasheet HTML 6Page - STMicroelectronics STE2004 Datasheet HTML 7Page - STMicroelectronics STE2004 Datasheet HTML 8Page - STMicroelectronics STE2004 Datasheet HTML 9Page - STMicroelectronics STE2004 Datasheet HTML 10Page - STMicroelectronics STE2004 Datasheet HTML 11Page - STMicroelectronics STE2004 Datasheet HTML 12Page - STMicroelectronics STE2004 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
9/66
STE2004
3.7 Temperature Coefficients
As the viscosity, and therefore the contrast, of the LCD are subject to change with temperature, there's
the need to vary the LCD Voltage with temperature. STE2004 provides the possibility to change the VLCD
in a linear fashion against temperature with eight different Temperature Coefficient selectable through T2,
T1 and T0 bits. Only four of them are available through basic instruction set.
Table 5.
Table 6.
Figure 7.
Finally, the VLCD voltage at a given (T) temperature can be calculated as:
VLCD(T) = VLCDo · [1 + (T-To) · TC]
NAME
TC1
TC0
Value
Unit
TC0
0
0
-0.0· 10-3
1/ °C
TC2
0
1
-0.7 · 10-3
1/°C
TC3
1
0
-1.05· 10-3
1/°C
TC6
1
1
-2.1 · 10-3
1/°C
NAME
T2
T1
T0
Value
Unit
TC0
0
0
0
-0.0· 10-3
1/ °C
TC1
0
0
1
-0.35 · 10-3
1/°C
TC2
0
1
0
-0.7 · 10-3
1/°C
TC3
0
1
1
-1.05· 10-3
1/°C
TC4
1
0
0
-1.4 · 10-3
1/°C
TC5
1
0
1
-1.75· 10-3
1/°C
TC6
1
1
0
-2.1 · 10-3
1/°C
TC7
1
1
1
-2.3· 10-3
1/°C
00h 01h 02h 03h 04h 05h ….
7Fh 00h 01h 02h
7Ch 7Dh 7Eh
03h 04h
7Dh 7Eh 7Fh
05h ….
7Ch
A1
A1
B
A0 + B
PRS = [0;0]
PRS = [0;1]
VO
VLCD
00h 01h 02h 03h 04h
7Dh 7Eh 7Fh
05h
7Ch
PRS = [1;0]
….
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com