Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3905
Description  Power Management Unit For Low Power Handheld Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3905 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP3905 Datasheet HTML 1Page - National Semiconductor (TI) LP3905 Datasheet HTML 2Page - National Semiconductor (TI) LP3905 Datasheet HTML 3Page - National Semiconductor (TI) LP3905 Datasheet HTML 4Page - National Semiconductor (TI) LP3905 Datasheet HTML 5Page - National Semiconductor (TI) LP3905 Datasheet HTML 6Page - National Semiconductor (TI) LP3905 Datasheet HTML 7Page - National Semiconductor (TI) LP3905 Datasheet HTML 8Page - National Semiconductor (TI) LP3905 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Connection Diagram (Continued)
Pin Descriptions
Pin #
Name
Description
1
EN2
Enable Pin for Buck2
2
TGND
Ground Pin
3
LDO2
LDO2 Output Pin
4
VIN2
Input Power Terminal to LDO1 & 2
5
LDO1
LDO1 Output Pin
6
GND
LDO1 & 2 Ground Pin
7
EN1
Enable Pin for Buck1 and LDO1&2
8
FB1
Buck1 Feedback Pin
9
GND_B1
Buck1 Ground Pin
10
SW1
Buck1 Switch Pin
11
VIN1
Input Power Terminal to Buck1 & 2
12
SW2
Buck2 Switch Pin
13
GND_B2
Buck2 Ground Pin
14
FB2
Buck2 Feedback Pin
DAP
SGND
Die Attach Pad (DAP)
Ordering Information
Buck 1 [V] Buck 2 [V] LDO 1 [V]
LDO 2 [V]
Order Number
Package Marking
Supplied As
1.2
1.875
2.8
2.8
LP3905SD-00
3905-00
1000 units, Tape-and-Reel
LP3905SDX-00
4500 units, Tape-and-Reel
1.2 Fixed
PWM
1.875
Fixed
PWM
2.8
2.8
LP3905SD-30
3905-30
1000 units, Tape-and-Reel
LP3905SDX-30
4500 units, Tape-and-Reel
ADJ
ADJ
3.0
2.8
LP3905SD-A3
3905-A3
1000 units, Tape-and-Reel
LP3905SDX-A3
4500 units, Tape-and-Reel
Package Marking Diagram
20152905
•
The physical placement of the package marking will vary from part to part.
•
Date Code - UZXYTT format. ’U’ - Wafer fab code; ’Z’ - assembly site code; ’XY’ 2 digit date code; ’TT’ die run code
•
See National Web site for more info - http://www.national.com/quality/marking_conventions.html
FIGURE 4. LP3905 14 Pin LLP Package Marking
NS package number SDA14B
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com