Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3905
Description  Power Management Unit For Low Power Handheld Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3905 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3905 Datasheet HTML 1Page - National Semiconductor (TI) LP3905 Datasheet HTML 2Page - National Semiconductor (TI) LP3905 Datasheet HTML 3Page - National Semiconductor (TI) LP3905 Datasheet HTML 4Page - National Semiconductor (TI) LP3905 Datasheet HTML 5Page - National Semiconductor (TI) LP3905 Datasheet HTML 6Page - National Semiconductor (TI) LP3905 Datasheet HTML 7Page - National Semiconductor (TI) LP3905 Datasheet HTML 8Page - National Semiconductor (TI) LP3905 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LP3905
Power Management Unit For Low Power Handheld
Applications
General Description
LP3905 is a multi-functional Power Management Unit,
optimized for low power handheld applications. This device
integrates two 600mA DC/DC buck regulators and two
150mA linear regulators. Fixed and adjustable buck output
versions are available. The LP3905 additionally features two
enable pins for the device output control and is offered in an
LLP package.
Features
n
Two buck regulators for powering high current processor
functions or peripheral devices
n
Two linear regulators for powering internal processor
functions and I/Os
n
One enable pin for Buck1 and Linear Regulators1&2
n
Separate enable pin for Buck2
n
Thermal and current overload protection
n
Small 14–Pin LLP package (4mm x 4mm x 0.8mm)
Applications
n
Baseband Processors
n
Peripheral Processor (Video, Audio)
n
I/O Power
n
FPGA Power
Key Specifications
Buck Regulators
n
Fixed and adjustable voltage options, range 1.0V to
3.3V *
n
Up to 90% Efficiency
n
Auto-switching PFM-PWM mode and fixed PWM mode
n
2MHz PWM fixed switching frequency (Typ)
n
600mA output current
n ±
4% output voltage accuracy over temp.
n
Internal softstart
n
2.2µH inductor, 10µF Input and 10µF output Caps
Linear Regulators
n
Output options in the range 1.5V to 3.3V *
n
13.5µV
rms output voltage noise
n
PSRR - 70dB @ 1kHz
n ±
3% output voltage accuracy over full line and load
regulation
n
0mA to 150mA output current
n
C
in = 1.0µF, Cout = 0.47µF for 100mA O/P
C
in = 1.0µF, Cout = 1.0µF for 150mA O/P
80mV Dropout voltage
* Fixed output voltage devices can be customized to fit
system requirements. Please contact National Semiconduc-
tor Sales Office.
Typical Application Circuit
20152901
FIGURE 1. Typical Application Circuit – 14 Pin LLP Package
August 2006
© 2006 National Semiconductor Corporation
DS201529
www.national.com


Similar Part No. - LP3905

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3905 TI1-LP3905 Datasheet
957Kb / 24P
Power Management Unit For Low Power Handheld Applications
LP3905 TI2-LP3905 Datasheet
1,013Kb / 23P
LP3905 Power Management Unit For Low Power Handheld Applications
REVISED MAY 2013
LP3905SD-A3/NOPB TI1-LP3905SD-A3/NOPB Datasheet
957Kb / 24P
Power Management Unit For Low Power Handheld Applications
LP3905SD-A3/NOPB TI2-LP3905SD-A3/NOPB Datasheet
1,013Kb / 23P
LP3905 Power Management Unit For Low Power Handheld Applications
REVISED MAY 2013
LP3905SD-A3/NOPB.A TI2-LP3905SD-A3/NOPB.A Datasheet
1,013Kb / 23P
LP3905 Power Management Unit For Low Power Handheld Applications
REVISED MAY 2013
More results

Similar Description - LP3905

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA5768HL PHILIPS-TEA5768HL Datasheet
196Kb / 36P
Low-power FM stereo radio for handheld applications
2004 Sep 13
TEA5767HN PHILIPS-TEA5767HN Datasheet
199Kb / 39P
Low-power FM stereo radio for handheld applications
Rev. 04-20 February 2006
TEA5767HL PHILIPS-TEA5767HL Datasheet
187Kb / 36P
Low-power FM stereo radio for handheld applications
2004 Sep 13
logo
Texas Instruments
LP3925 TI1-LP3925 Datasheet
1Mb / 51P
High Performance Power Management Unit for Handset Applications
LP8765-E TI1-LP8765-E Datasheet
161Kb / 5P
High Performance Power Management Unit for Handset Applications
logo
Richtek Technology Corp...
RT9941 RICHTEK-RT9941 Datasheet
711Kb / 33P
Power Management ICs for Handheld Device
RT9945 RICHTEK-RT9945 Datasheet
686Kb / 33P
Power Management ICs for Handheld Device
logo
Texas Instruments
LP3905 TI1-LP3905 Datasheet
957Kb / 24P
Power Management Unit For Low Power Handheld Applications
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
Power Management Unit for Power Banks
logo
NXP Semiconductors
PCA9420 NXP-PCA9420_V01 Datasheet
1Mb / 87P
Power management IC for low-power microcontroller applications
Rev. 4.0 - 28 November 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com