Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3905
Description  Power Management Unit For Low Power Handheld Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3905 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP3905 Datasheet HTML 7Page - National Semiconductor (TI) LP3905 Datasheet HTML 8Page - National Semiconductor (TI) LP3905 Datasheet HTML 9Page - National Semiconductor (TI) LP3905 Datasheet HTML 10Page - National Semiconductor (TI) LP3905 Datasheet HTML 11Page - National Semiconductor (TI) LP3905 Datasheet HTML 12Page - National Semiconductor (TI) LP3905 Datasheet HTML 13Page - National Semiconductor (TI) LP3905 Datasheet HTML 14Page - National Semiconductor (TI) LP3905 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Application Information (Continued)
Buck DC/DC Convertor Input Capacitor Selection
A ceramic input capacitor of 10µF, 6.3V is sufficient for most
applications. Place the input capacitor as close as possible
to the V
IN pin of the device. A larger value may be used for
improved input voltage filtering. Use X7R or X5R types, do
not use Y5V. DC bias characteristics of ceramic capacitors
must be considered when selecting case sizes like 0805 and
0603. The input filter capacitor supplies current to the PFET
switch of the LP3905 in the first half of each cycle and
reduces voltage ripple imposed on the input power source. A
ceramic capacitor’s low ESR provides the best noise filtering
of the input voltage spikes due to this rapidly changing
current. Select a capacitor with sufficient ripple current rat-
ing. The input current ripple can be calculated as:
DC/DC CONVERTOR OUTPUT CAPACITOR SELECTION
Use a 10µF, 6.3V ceramic capacitor. Use X7R or X5R types,
do not use Y5V. DC bias characteristics of ceramic capaci-
tors must be considered when selecting case sizes like 0805
and 0603. DC bias characteristics vary from manufacturer to
manufacturer and dc bias curves should be requested from
them as part of the capacitor selection process.
The output filter capacitor smoothes out current flow from the
inductor to the load, helps maintain a steady output voltage
during transient load changes and reduces output voltage
ripple. These capacitors must be selected with sufficient
capacitance and sufficiently low ESR to perform these func-
tions.
The output voltage ripple is caused by the charging and
discharging of the output capacitor and also due to its R
ESR
and can be calculated as:
Voltage peak-to-peak ripple due to capacitance can be ex-
pressed as follows
Voltage peak-to-peak ripple due to ESR can be expressed
as follows
V
PP-ESR =(2*IRIPPLE)*RESR
Because these two components are out of phase the rms
value can be used to get an approximate value of peak-to-
peak ripple.
Voltage peak-to-peak ripple, root mean squared can be ex-
pressed as follows
Note that the output voltage ripple is dependent on the
inductor current ripple and the equivalent series resistance
of the output capacitor (R
ESR).
The R
ESR is frequency dependent (as well as temperature
dependent); make sure the value used for calculations is at
the switching frequency of the part.
LINEAR REGULATORS
Capacitor Selection
The LP3955 is designed to work with ceramic capacitors on
the output to take advantage of the benefits they offer: for
capacitance values in the range of 0.47µF to 10µF range,
ceramic capacitors are the smallest, least expensive and
have the lowest ESR values (which makes them best for
eliminating high frequency noise). The ESR of a typical
1µFceramic capacitor is in the range of 20mW to 40mW,
which easily meets the ESR requirement for stability by the
LP3955. For both input and output capacitors careful inter-
pretation of the capacitor specification is required to ensure
correct device operation. The capacitor value can change
greatly dependant on the conditions of operation and capaci-
tor type.
In particular the output capacitor selection should take ac-
count of all the capacitor parameters to ensure that the
specification is met within the application. Capacitance value
can vary with DC bias conditions as well as temperature and
frequency of operation. Capacitor values will also show
some decrease over time due to aging. The capacitor pa-
rameters are also dependant on the particular case size with
smaller sizes giving poorer performance figures in general.
As an example Figure 11 shows a typical graph showing a
comparison of capacitor case sizes in a Capacitance vs. DC
Bias plot. As shown in the graph, as a result of the DC Bias
condition the capacitance value may drop below the mini-
mum capacitance value given in the recommended capacitor
table (0.7µF in this case). Note that the graph shows the
capacitance out of spec for the 0402 case size capacitor at
higher bias voltages. It is therefore recommended that the
capacitor manufacturers’ specifications for the nominal value
capacitor are consulted for all conditions as some capacitor
sizes (e.g. 0402) may not be suitable in the actual applica-
tion.
20152906
FIGURE 11. Capacitor Performance (DC Bias)
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com