Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3905
Description  Power Management Unit For Low Power Handheld Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3905 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP3905 Datasheet HTML 6Page - National Semiconductor (TI) LP3905 Datasheet HTML 7Page - National Semiconductor (TI) LP3905 Datasheet HTML 8Page - National Semiconductor (TI) LP3905 Datasheet HTML 9Page - National Semiconductor (TI) LP3905 Datasheet HTML 10Page - National Semiconductor (TI) LP3905 Datasheet HTML 11Page - National Semiconductor (TI) LP3905 Datasheet HTML 12Page - National Semiconductor (TI) LP3905 Datasheet HTML 13Page - National Semiconductor (TI) LP3905 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Functional Description (Continued)
the cycle repeats to restore the output voltage (average
voltage in pfm mode) to
∼1.15% above the nominal PWM
output voltage.
If the load current should increase during PFM mode caus-
ing the output voltage to fall below the ‘low2’ PFM threshold,
the part will automatically transition into fixed-frequency
PWM mode. When V
IN =2.8V the part transitions from PWM
to PFM mode at ~35mA output current and from PFM to
PWM mode at ~85mA , when V
IN=3.6V, PWM to PFM tran-
sition happens at ~50mA and PFM to PWM transition hap-
pens at ~100mA, when V
IN =4.5V, PWM to PFM transition
happens at ~65mA and PFM to PWM transition happens at
~115mA.
SOFT START
The LP3905 Buck Converters have a soft-start circuit that
limits in-rush current during start-up. Additionally, in case
EN1 and EN2 are enabled at the same time, a typical 500µs
delay between Buck1 and Buck2 Power Up prevents any
further Inrush current from the battery.
During start-up the switch current limit is increased in steps.
Soft start is activated only if EN goes from logic low to logic
high after Vin reaches 3V. Soft start is implemented by
increasing switch current limit in steps of 70mA, 140mA,
280mA and 1000mA (typ. switch current limit). The start-up
time thereby depends on the output capacitor and load
current demanded at start-up. Typical start-up times with
22µF output capacitor and 300mA load current is 400µs and
with 1mA load current its 275µs.
20152903
FIGURE 10. Operation in PFM Mode and Transfer to PWM Mode
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com