Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3905
Description  Power Management Unit For Low Power Handheld Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3905 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP3905 Datasheet HTML 2Page - National Semiconductor (TI) LP3905 Datasheet HTML 3Page - National Semiconductor (TI) LP3905 Datasheet HTML 4Page - National Semiconductor (TI) LP3905 Datasheet HTML 5Page - National Semiconductor (TI) LP3905 Datasheet HTML 6Page - National Semiconductor (TI) LP3905 Datasheet HTML 7Page - National Semiconductor (TI) LP3905 Datasheet HTML 8Page - National Semiconductor (TI) LP3905 Datasheet HTML 9Page - National Semiconductor (TI) LP3905 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
General Electrical Characteristics (Notes 2, 8, 9) (Continued)
LDO Regulator Electrical Characteristics (Continued)
The linear regulators have a current rating of I
max= 150mA with COUT = 1.0µF. A 100mA rating applies with COUT = 0.47µF.
Unless otherwise specified, limits are set with V
IN = 3.8V, VEN1/2 = 3.8V, CIN = 1µF, COUT = 0.47µF, IOUT = 1.0mA. Limits in
standard typeface are for T
J = 25˚C. Limits in boldface type apply over the full junction temperature range (−40˚C
≤ T
J
≤
+125˚C). Unless otherwise noted, specifications apply to the LP3905 Typical Application Circuit (Figure. 1)(Notes 2, 8)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Transient Characteristics (Note 15)
∆V
OUT
Line Transient (Note 15)
V
IN =(VOUT(NOM) + 1.0V) to
(V
OUT(NOM) + 1.6V) in 10µs, IOUT =1
mA
6
mV
V
IN =(VOUT(NOM) + 1.6V) to
(V
OUT(NOM) + 1.0V) in 10µs, IOUT =
1mA
6
Load Transient (Note 15)
I
OUT = 1mA to 100mA in 10µs
-70
mV
I
OUT = 100mA to 1mA in 10µs
30
I
OUT = 1mA to 150mA in 10µs
C
OUT = 1.0µF
-100
I
OUT = 150mA to 1mA in 10µs
C
OUT = 1.0µF
35
Overshoot on Startup
(Note 15)
20
mV
Electrical Characteristics Notes
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage.
Note 4: The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. MIL-STD-883 3015.7
Note 5: In Applications where high power dissipation and/or poor package resistance is present, the maximum ambient temperature may have to be derated.
Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX), the maximum power dissipation of the device in
the application (PD-MAX) and the junction to ambient thermal resistance of the package (θJA) in the application, as given by the following equation:TA-MAX=TJ-MAX−
(
θJAxPD-MAX).
Note 6: Junction to ambient thermal resistance is highly dependent on board layout, PCB material environmental conditions and applications. In applications where
high power dissipation exists, special care must be given to thermal dissipation issues in board design. The use of thermal vias under the pad may be required. For
more on these topics, please refer to the Application Note: AN-1187: Leadless leadframe Package (LLP).
Note 7: VIN1 and VIN2 should be tied together at all times for proper Power Up
Note 8: Min and Max limits are guaranteed by design, test or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 9: The parameters in the electrical characteristic table are tested at VIN= 3.8V unless otherwise specified. For performance over the input voltage range refer
to datasheet curves.
Note 10: CIN,COUT: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
Note 11: The device maintains a stable, regulated output voltage without a load.
Note 12: Dropout voltage is the voltage difference between the input and the output at which the output voltage drops to 100 mV below its nominal value.
Note 13: Short Circuit Current is measured with VOUT pulled to 0v and VIN worst case = 5,5V.
Note 14: There isa1M
Ω resistor between EN1,EN2 and ground on the device.
Note 15: This specification is guaranteed by design.
Note 16: For the adjustable version, feedback resistor values should be chosen for the divider network to ensure that at the desired output voltage the feedback
pin is at 0.5V. See Buck Converter Applications Information.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com