Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3905 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3905
Description  Power Management Unit For Low Power Handheld Applications
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3905 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP3905 Datasheet HTML 1Page - National Semiconductor (TI) LP3905 Datasheet HTML 2Page - National Semiconductor (TI) LP3905 Datasheet HTML 3Page - National Semiconductor (TI) LP3905 Datasheet HTML 4Page - National Semiconductor (TI) LP3905 Datasheet HTML 5Page - National Semiconductor (TI) LP3905 Datasheet HTML 6Page - National Semiconductor (TI) LP3905 Datasheet HTML 7Page - National Semiconductor (TI) LP3905 Datasheet HTML 8Page - National Semiconductor (TI) LP3905 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN1,VIN2
−0.2V to 6.0V
FB1, FB2, EN1,EN2
(GND−0.2V) to
(V
IN + 0.2V) to 6.0V
(max)
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
J-MAX)
+150˚C
Storage Temperature Range
−65˚C to +150˚C
Maximum Lead Temperature
(Soldering, 10 sec.)
260˚C
ESD Rating (Note 4)
Human Body Model:
2.5kV
Operating Ratings (Notes 1, 2)
V
IN1 (Buck1&2 Input
Voltage),V
IN2 (LDO1&2 Input
Voltage) (Note 7)
3V to 5.5V
Recommended Load Current
(Buck)
0mA to 600 mA
Recommended Load Current
(LDO)
0mA to 100mA with
0.47uF O/P cap
0mA to 150mA with
1.0uF O/P cap
Junction Temperature (T
J)
Range
−40˚C to +125˚C
Ambient Temperature (T
A)
Range (Note 5)
−40˚C to +85˚C
Thermal Properties
Junction-to-Ambient
Thermal Resistance (
θ
JA)
SDA14B package(Note 6)
37.3oC/W
General Electrical Characteristics (Notes 2, 8, 9)
Limits in standard typeface are for T
J = 25˚C. Limits in boldface type apply over the full junction temperature range (−40˚C
≤
T
J
≤ +125˚C). Unless otherwise noted, specifications apply to the LP3905 Typical Application Circuit (Figure. 1)
Symbol
Parameter
Condition
Min
Typ
Max
Units
Login Input Thresholds
V
IN
Input Voltage Range
3
5.5
V
I
Q
Shutdown Supply Current
All Circuits OFF except for POR and
UVLO
6.5
10.0
µA
No load Supply Current (Note 15)
LDO1 & 2 and Buck1&2on
140
250
( PWM only versions ) LDO1 & 2
and Buck1&2on
7
10.0
mA
V
IH
Logic High Input
V
IN = 3.0V to 5.5V
1.2
V
V
IL
Logic Low Input
V
IN = 3.0V to 5.5V
0.4
V
I
EN
Enable (EN1,2) Input Current
(Note 14)
EN1/EN2 = 5.5V and V
IN= 5.5V
2.1
5
8.5
µA
EN1/EN2 = 0V and V
IN= 5.5V
0.001
0.1
µA
V
UVLO-R
Battery Under Voltage Lock-Out
V
IN Rising
2.7
3.1
V
T
SHUTDOWN
Thermal Shutdown (Note 15)
Temperature
160
˚C
Hysteresis
20
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com