Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM-MAE-R01 Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # ICM-MAE-R01
Description  1.27 mm pitch/ 50-circuit CF card connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

ICM-MAE-R01 Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  ICM-MAE-R01 Datasheet HTML 1Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 2Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 3Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 4Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 5Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 6Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 7Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
CF CARD CONNECTORMAType
CF CARD CONNECTOR MA Type
1.27 mm pitch/ 50-circuit CF card connector
CF CARD CONNECTOR MA Type
CF CARD CONNECTOR MA Type
Emboss Tape
●ICM-MA50S-TS12-3022
SMT type
●ICM-MA50S-TS12-3023
Socket
Single-row
SMT type
No. of
circuits
Q'ty/reel
Tail length
(mm)
Material and Finish
Model No.
50
ICM-MA50S-TS12-3022T
ICM-MA50S-TS12-3023T
1,500
Rib length
(mm)
4.0
3.0
2.0
Offset
dimensions(mm)
Solder tail
GND
spring
0.75
0.2
Contact: Copper alloy, nickel-undercoated,
Mating part; gold-plated
Solder tail; tin-plated (reflow treatment)
Grounding spring: Copper alloy, nickel-undercoated, gold-plated
Housing: LCP, UL94V-0, black
With
(Circuit
No.1, No.26)
RoHS2 compliance These products display (LF)(SN) on a label.
Offset amount
0.75
3.3
2.7
30.48
1.27
0.635
0.25
35.9
33
31.115
2.3925
Circuit No.1
Circuit No.2
Circuit No.1
Circuit No.26
Circuit No.50
Circuit No.25
No.1 mark
Tail length
Rib length
Offset amount
0.2
3.3
2.7
30.48
1.27
0.635
0.25
35.9
33
31.115
2.3925
Circuit No.1
Circuit No.2
Circuit No.1
Circuit No.26
Circuit No.50
Circuit No.25
No.1 mark
Tail length
Rib length
Offset amount
0.75
3.3
2.7
30.48
1.27
0.635
0.25
35.9
33
31.115
2.3925
Circuit No.1
Circuit No.2
Circuit No.1
Circuit No.26
Circuit No.50
Circuit No.25
No.1 mark
Tail length
Rib length
Offset amount
0.2
3.3
2.7
30.48
1.27
0.635
0.25
35.9
33
31.115
2.3925
Circuit No.1
Circuit No.2
Circuit No.1
Circuit No.26
Circuit No.50
Circuit No.25
No.1 mark
Tail length
Rib length



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com