Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM-MAE-R01 Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # ICM-MAE-R01
Description  1.27 mm pitch/ 50-circuit CF card connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

ICM-MAE-R01 Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  ICM-MAE-R01 Datasheet HTML 1Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 2Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 3Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 4Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 5Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 6Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 7Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
CF CARD CONNECTORMAType
CF CARD CONNECTOR MA Type
1.27 mm pitch/ 50-circuit CF card connector
CF CARD CONNECTOR MA Type
CF CARD CONNECTOR MA Type
Emboss Tape
Circuit No.
1, 13, 38, 50
2 to 12, 14 to 24,
27 to 37, 39 to 49
25, 26
Dimensions (mm)
5.0 ± 0.1
4.25 ± 0.1
3.5 ± 0.1
Dimension L
No. of circuits
Type
Model No.
Q'ty/box
Material and Finish
ICM-MA50H-SS52-1184
50
Common use in
normal and reverse
1,850
Contact: Copper alloy, nickel-undercoated, Mating part; gold-plated
Solder tail; tin-plated (reflow treatment)
Housing: PPS, UL94V-0, black
Solder tab: Copper alloy, nickel-undercoated, tin-plated (reflow treatment)
●Reverse type(Standoff 0 mm)
No. of circuits
Type
Model No.
Q'ty/box
Material and Finish
ICM-MA2SL-SD12-RL31
50
Reverse
128
Contact: Copper alloy, nickel-undercoated, Mating part; gold-plated
Solder tail; tin-plated (reflow treatment)
Housing/ Guide bar/ Push button: PPS, UL94V-0, black
Lock/ Rotation arm/ Push bar: Stainless
Frame: Stainless, selective nickel-undercoated, tin/copper alloy-plated
RoHS2 compliance This product displays (LF)(SN) on a label.
RoHS2 compliance This product displays (LF)(SN) on a label.
●Normal, Reverse types(Standoff 0 mm)
Header (for TypeⅠcards) / Space-saving type
Ejector mounted header with shutter (for TypeⅡcards)
44.8
33.4
31.115
0.635
0.3
0.3
0.3
3.4
2-φ2.2+0.1
0
30.48
33.95
1.27
Circuit No.50
Circuit No.26
Circuit No.1
Circuit No.25
7.35
5
(3.8)
52.7
(8.25)
Circuit No.25
Circuit No.50
Circuit No.1
Circuit No.26
49
45
49.8
7.5
43.03
30.48
1.27
Circuit No.50 Circuit No.26
Circuit No.25 Circuit No.1
0.9
0.9
0.635
31.115
Circuit No.
1, 13, 38, 50
2 to 12, 14 to 24,
27 to 37, 39 to 49
25, 26
Dimensions (mm)
5.0 ± 0.1
4.25 ± 0.1
3.5 ± 0.1
Dimension L
No. of circuits
Type
Model No.
Q'ty/box
Material and Finish
ICM-MA50H-SS52-1184
50
Common use in
normal and reverse
1,850
Contact: Copper alloy, nickel-undercoated, Mating part; gold-plated
Solder tail; tin-plated (reflow treatment)
Housing: PPS, UL94V-0, black
Solder tab: Copper alloy, nickel-undercoated, tin-plated (reflow treatment)
44.8
33.4
31.115
0.635
0.3
0.3
0.3
3.4
2-φ2.2+0.1
0
30.48
33.95
1.27
Circuit No.50
Circuit No.26
Circuit No.1
Circuit No.25



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com