Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM-MAE-R01 Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # ICM-MAE-R01
Description  1.27 mm pitch/ 50-circuit CF card connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

ICM-MAE-R01 Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  ICM-MAE-R01 Datasheet HTML 1Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 2Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 3Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 4Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 5Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 6Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 7Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Specifications
• Type: Dual-row at mating section
• Current rating: 0.5 A/Line AC/DC
• Temperature range: -20℃ to +60℃
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 40 mΩ max.
After environmental tests/ 20 mΩ max.
(variation from initial value)
• Insulation resistance: 1,000 MΩ min. 500 VDC (Except for Adapter cards)
• Withstanding voltage: 500 VAC/minute (Except for Adapter cards)
• Mating/unmating life: 10,000 cycles
• Conforms to CFA.
* In using the products, refer to "Handling Precautions for Terminals
and Connectors" described on our website (Technical documents
of Product information page).
* RoHS2 compliance
* Dimensional unit: mm
* Contact JST for details.
1
CF CARD CONNECTORMAType
CF CARD CONNECTOR MA Type
1.27 mm pitch/ 50-circuit CF card connector
CF CARD CONNECTOR MA Type
CF CARD CONNECTOR MA Type
Emboss Tape
● Socket / SMT type
● Card frame / for typeⅠcards
● Adapter / for typeⅠ,Ⅱcards
● Header / for typeⅠ,Ⅱcards
● Ejector / for typeⅠ,Ⅱcards
In addition to the connectors applicable to
CF typeⅠcards, those for CF typeⅡcards
are also available.
PC board layout
●For TypeⅠcards/Standoff 1.64 mm
Normal type /Reverse type
ICM MA TYPE
17
46±0.05
40.16±0.05
31.115±0.05
0.635±0.05
(Pattern pitch)
0.4±0.035
(Pattern width)
43.2±0.05
2-φ1.7+0.1
0
2-φ2.2+0.1
0
●Space-saving type For TypeⅠcards/Standoff 0 mm
Normal type/Reverse type
●Ejector mounted header with shutter For TypeⅡ cards
Reverse type (Standoff 0 mm)
±0.05
0.635
±0.03
0.4
31.115
±0.05
±0.05
36.4
±0.05
33.95
±0.05
41.4
+0.05
 0
2-φ1.25
+0.05
 0
2-φ2.2
±0.05
0.85
45±0.03
49.8±0.03
49.8±0.03
+0.1
 0
50-φ0.45
±0.03
49
±0.05
31.115
0.635 ±0.03
+0.1
 0
4-φ1.6


Similar Part No. - ICM-MAE-R01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805 Datasheet
48Kb / 1P
Surface Mount Common Mode Choke
08-Apr-03
ICM-0805 VISHAY-ICM-0805 Datasheet
244Kb / 2P
SMD Magnetics Packaging Methods
15-Jan-14
ICM-0805 VISHAY-ICM-0805 Datasheet
67Kb / 2P
Surface Mount Common Mode Choke
19-Apr-10
ICM-0805 VISHAY-ICM-0805 Datasheet
133Kb / 3P
Surface Mount Common Mode Choke
06-Nov-15
ICM-0805 VISHAY-ICM-0805 Datasheet
130Kb / 3P
Surface Mount Common Mode Choke
08-Nov-2018
More results

Similar Description - ICM-MAE-R01

ManufacturerPart #DatasheetDescription
logo
Lumberg
302299 LUMBERG-302299_18 Datasheet
443Kb / 4P
Micromodul connectors, pitch 1.27 mm
AZ30 LUMBERG-AZ30 Datasheet
311Kb / 3P
Micromodul connectors, pitch 1.27 mm
MICA LUMBERG-MICA_18 Datasheet
608Kb / 4P
Micromodul connectors, pitch 1.27 mm
MICAL LUMBERG-MICAL_18 Datasheet
738Kb / 3P
Micromodul connectors, pitch 1.27 mm
MICALD LUMBERG-MICALD Datasheet
769Kb / 3P
Micromodul connectors, pitch 1.27 mm
MICS LUMBERG-MICS_18 Datasheet
453Kb / 4P
Micromodul connectors, pitch 1.27 mm
MICS-D LUMBERG-MICS-D Datasheet
440Kb / 4P
Micromodul connectors, pitch 1.27 mm
MICSSMD LUMBERG-MICSSMD Datasheet
457Kb / 4P
Micromodul connectors, pitch 1.27 mm
MICSW LUMBERG-MICSW_18 Datasheet
295Kb / 3P
Micromodul connectors, pitch 1.27 mm
MICAVP3 LUMBERG-MICAVP3 Datasheet
645Kb / 4P
Micromodul connectors, pitch 1.27 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com