Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM-MAE-R01 Datasheet(PDF) 6 Page - JST Mfg. Co., Ltd.

Part # ICM-MAE-R01
Description  1.27 mm pitch/ 50-circuit CF card connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

ICM-MAE-R01 Datasheet(HTML) 6 Page - JST Mfg. Co., Ltd.

  ICM-MAE-R01 Datasheet HTML 1Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 2Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 3Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 4Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 5Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 6Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 7Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
CF CARD CONNECTORMAType
CF CARD CONNECTOR MA Type
1.27 mm pitch/ 50-circuit CF card connector
CF CARD CONNECTOR MA Type
CF CARD CONNECTOR MA Type
Emboss Tape
Ejector (for TypeⅠHeader)
●Right button
●Left button
Type
Model No.
Q'ty/box
Material and Finish
Applicable header
ICM-MAE-R01
ICM-MAE-L01
Right button
Left button
100
100
Frame/ Rotation arm : Stainless
Push button: PPS, UL94V-0, black
ICM-MA50H-SS52-1141
ICM-MA50H-SS52-1161
●Left button
Type
Model No.
Q'ty/box
Material and Finish
Applicable header
ICM-MAE-L91ND
Reverse
(Left button)
252
Frame: Stainless, nickel-undercoated, tin/copper alloy-plated
Rotation arm: Stainless
Push button: Synthetic resin, UL94V-0, gray
ICM-MA50H-SS52-1184
RoHS2 compliance Applicable headers display (LF)(SN) on a label.
RoHS2 compliance This product displays (LF) on a label.
An applicable header displays (LF)(SN) on a label.
Ejector mounted header (for TypeⅠHeader) / Space-saving type
23.6
(29.5)
23.6
(29.5)
4.2
4.2
2.8
2.8
26.5
26.5
5.6
5.6
46.6
31.115
0.635
0.3
46.6
31.115
0.635
0.3
43.03
43.03
30.48
30.48
1.27
1.27
ICM MA TYPE
ICM-MA50H-SS52-1141
6
ICM MA TYPE
ICM-MA50H-SS52-1161
7
0.89
0.89
0.5
0.5
34.8
34.8
Circuit No.50
Circuit No.1
Circuit No.25
Circuit No.26
Circuit No.50
Circuit No.26
Circuit No.1
Circuit No.25
4.65
38.63
4
23.87
39.53
(25.88)
45.4
3.215
2-φ2.2+0.1
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com