Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM-MAE-R01 Datasheet(PDF) 5 Page - JST Mfg. Co., Ltd.

Part # ICM-MAE-R01
Description  1.27 mm pitch/ 50-circuit CF card connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

ICM-MAE-R01 Datasheet(HTML) 5 Page - JST Mfg. Co., Ltd.

  ICM-MAE-R01 Datasheet HTML 1Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 2Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 3Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 4Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 5Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 6Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 7Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
CF CARD CONNECTORMAType
CF CARD CONNECTOR MA Type
1.27 mm pitch/ 50-circuit CF card connector
CF CARD CONNECTOR MA Type
CF CARD CONNECTOR MA Type
Emboss Tape
Circuit No.
1, 13, 38, 50
2 to 12, 14 to 24,
27 to 37, 39 to 49
25, 26
Dimensions (mm)
5.0 ± 0.1
4.25 ± 0.1
3.5 ± 0.1
Dimension L
No. of circuits
Type
Model No.
Q'ty/reel
Material and Finish
50
Normal
750
ICM-MA2H-SS52-N13LT
Contact: Phosphor bronze, nickel-undercoated, Mating part; gold-plated
Solder tail; tin-plated (reflow treatment)
Housing: PPS, UL94V-0
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
●Normal type (Standoff 0 mm)
RoHS2 compliance This product displays (LF)(SN) on a label.
The product listed above is supplied on embossed-tape.
Header (for TypeⅡcards) / Space-saving type
5.4
1.9
0.635
0.3
0.3
0.3
31.115
44.53
Circuit No.26
39.2
Circuit No.50
43.03
30.48
1.27
Circuit No.1
Circuit No.25
44.38
0.89
Circuit No.
1, 13, 38, 50
2 to 12, 14 to 24,
27 to 37, 39 to 49
25, 26
Dimensions (mm)
5.0 ± 0.1
4.25 ± 0.1
3.5 ± 0.1
Dimension L
No. of circuits
Type
Model No.
Q'ty/reel
Material and Finish
50
Normal
750
ICM-MA2H-SS52-N13LT
Contact: Phosphor bronze, nickel-undercoated, Mating part; gold-plated
Solder tail; tin-plated (reflow treatment)
Housing: PPS, UL94V-0
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com