Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM-MAE-R01 Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # ICM-MAE-R01
Description  1.27 mm pitch/ 50-circuit CF card connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

ICM-MAE-R01 Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  ICM-MAE-R01 Datasheet HTML 1Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 2Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 3Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 4Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 5Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 6Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 7Page - JST Mfg. Co., Ltd. ICM-MAE-R01 Datasheet HTML 8Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CF CARD CONNECTORMAType
CF CARD CONNECTOR MA Type
1.27 mm pitch/ 50-circuit CF card connector
CF CARD CONNECTOR MA Type
CF CARD CONNECTOR MA Type
Emboss Tape
3
CF CARD CONNECTORMAType
CF CARD CONNECTOR MA Type
1.27 mm pitch/ 50-circuit CF card connector
CF CARD CONNECTOR MA Type
CF CARD CONNECTOR MA Type
Emboss Tape
●Normal type (Standoff 1.64 mm)
Header (for TypeⅠcards)
Circuit No.
1, 13, 38, 50
2 to 12, 14 to 24,
27 to 37, 39 to 49
25, 26
Dimensions (mm)
5.0 ± 0.1
4.25 ± 0.1
3.5 ± 0.1
Dimension L
No. of circuits
Type
Model No.
Q'ty/box
Material and Finish
ICM-MA50H-SS52-1141
ICM-MA50H-SS52-1161
50
Normal
Reverse
140
140
Contact: Phosphor bronze, nickel-undercoated, Mating part; gold-plated
Solder tail; tin-plated (reflow treatment)
Housing: PPS, UL94V-0
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
RoHS2 compliance These products display (LF)(SN) on a label.
●Reverse type (Standoff 1.64 mm)
23.6
(29.5)
23.6
(29.5)
4.2
4.2
2.8
2.8
26.5
26.5
5.6
5.6
46.6
31.115
0.635
0.3
46.6
31.115
0.635
0.3
43.03
43.03
30.48
30.48
1.27
1.27
ICM MA TYPE
ICM-MA50H-SS52-1141
6
ICM MA TYPE
ICM-MA50H-SS52-1161
7
0.89
0.89
0.5
0.5
34.8
34.8
Circuit No.50
Circuit No.1
Circuit No.25
Circuit No.26
Circuit No.50
Circuit No.26
Circuit No.1
Circuit No.25
23.6
(29.5)
23.6
(29.5)
4.2
4.2
2.8
2.8
26.5
26.5
5.6
5.6
46.6
31.115
0.635
0.3
46.6
31.115
0.635
0.3
43.03
43.03
30.48
30.48
1.27
1.27
ICM MA TYPE
ICM-MA50H-SS52-1141
6
ICM MA TYPE
ICM-MA50H-SS52-1161
7
0.89
0.89
0.5
0.5
34.8
34.8
Circuit No.50
Circuit No.1
Circuit No.25
Circuit No.26
Circuit No.50
Circuit No.26
Circuit No.1
Circuit No.25
Circuit No.
1, 13, 38, 50
2 to 12, 14 to 24,
27 to 37, 39 to 49
25, 26
Dimensions (mm)
5.0 ± 0.1
4.25 ± 0.1
3.5 ± 0.1
Dimension L
No. of circuits
Type
Model No.
Q'ty/box
Material and Finish
ICM-MA50H-SS52-1141
ICM-MA50H-SS52-1161
50
Normal
Reverse
140
140
Contact: Phosphor bronze, nickel-undercoated, Mating part; gold-plated
Solder tail; tin-plated (reflow treatment)
Housing: PPS, UL94V-0
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)
Circuit No.
1, 13, 38, 50
2 to 12, 14 to 24,
27 to 37, 39 to 49
25, 26
Dimensions (mm)
5.0 ± 0.1
4.25 ± 0.1
3.5 ± 0.1
Dimension L
No. of circuits
Type
Model No.
Q'ty/box
Material and Finish
ICM-MA50H-SS52-1141
ICM-MA50H-SS52-1161
50
Normal
Reverse
140
140
Contact: Phosphor bronze, nickel-undercoated, Mating part; gold-plated
Solder tail; tin-plated (reflow treatment)
Housing: PPS, UL94V-0
Solder tab: Brass, copper-undercoated, tin-plated (reflow treatment)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com