Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCM2000 Datasheet(PDF) 39 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 39 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 35Page - Digi International Inc. RCM2000 Datasheet HTML 36Page - Digi International Inc. RCM2000 Datasheet HTML 37Page - Digi International Inc. RCM2000 Datasheet HTML 38Page - Digi International Inc. RCM2000 Datasheet HTML 39Page - Digi International Inc. RCM2000 Datasheet HTML 40Page - Digi International Inc. RCM2000 Datasheet HTML 41Page - Digi International Inc. RCM2000 Datasheet HTML 42Page - Digi International Inc. RCM2000 Datasheet HTML 43Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
User’s Manual
35
5. SOFTWARE REFERENCE
Dynamic C is an integrated development system for writing
embedded software. It runs on an IBM-compatible PC and is
designed for use with Rabbit single-board computers and other
single-board computers based on the Rabbit microprocessor.
Chapter 4 provides the libraries and function calls related to the
RCM2000.
5.1 More About Dynamic C
Dynamic C has been in use worldwide since 1989. Dynamic C is specially designed for
programming embedded systems. Dynamic C features quick compile and interactive
debugging in the real environment. A complete reference to Dynamic C is contained in the
Dynamic C User’s Manual.
Dynamic C for Rabbit® processors uses the standard Rabbit programming interface. This
is a 10-pin connector that connects to the Rabbit Serial Port A. It is possible to reset and
cold-boot a Rabbit processor via the programming port. No software needs to be present in
the target system. More details are available in the Rabbit 2000 Microprocessor User’s
Manual.
Dynamic C cold-boots the target system and compiles the BIOS. The BIOS is a basic pro-
gram of a few thousand bytes in length that provides the debugging and communication
facilities that Dynamic C needs. Once the BIOS has been compiled, the user can compile
his own program and test it. If the BIOS fails because the program stops running, a new
cold boot and BIOS compile can be done at any time.
The BIOS can be customized by using #define options.
Dynamic C does not use include files, rather it has libraries that are used for the same
purpose, that is, to supply function prototypes to programs before they are compiled. See
Section 4.24, “Modules,” in the Dynamic C User’s Manual for more information.
Dynamic C supports assembly language, either as separate functions or as fragments
embedded in C programs. Interrupt routines may be written in Dynamic C or in assembly
language.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com