Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCM2000 Datasheet(PDF) 5 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 5 Page - Digi International Inc.

  RCM2000 Datasheet HTML 1Page - Digi International Inc. RCM2000 Datasheet HTML 2Page - Digi International Inc. RCM2000 Datasheet HTML 3Page - Digi International Inc. RCM2000 Datasheet HTML 4Page - Digi International Inc. RCM2000 Datasheet HTML 5Page - Digi International Inc. RCM2000 Datasheet HTML 6Page - Digi International Inc. RCM2000 Datasheet HTML 7Page - Digi International Inc. RCM2000 Datasheet HTML 8Page - Digi International Inc. RCM2000 Datasheet HTML 9Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
User’s Manual
1
1. INTRODUCTION
The RabbitCore RCM2000 series is a family of microprocessor
modules designed to be the heart of embedded control systems,
providing an array of I/O and addressing.
Throughout this manual, the term RCM2000 refers to the complete series of RCM2000
RabbitCore modules unless other production models are referred to specifically.
The RCM2000 is a core module designed to be the heart of your own controller built
around the plug-in module. Data processing is done by a Rabbit 2000 microprocessor
operating at up to 25.8 MHz (RCM2000 and RCM2010).
The RCM2000 has a Rabbit 2000 microprocessor, a static RAM, a flash memory, two
quartz crystals (main oscillator and timekeeping), and the circuitry necessary for reset and
management of battery backup of the Rabbit 2000’s internal real-time clock and the static
RAM. Two 40-pin headers bring out the Rabbit 2000 I/O bus, address lines, data lines,
parallel ports, and serial ports.
The RCM2000 receives its +5 V power from the user board on which it is mounted. The
RCM2000 can interface will all kinds of digital devices through the user board.
The RCM2000 Development Kit comes with a Prototyping Board that can be used to
demonstrate the operation of the RCM2000 and to prototype new circuits.
1.1 Features
•
Small size: 1.90" × 2.30" (48.3 mm × 58.4 mm)
•
Microprocessor: Rabbit 2000 running at 25.8 MHz (RCM2000 and RCM2010)
•
40 CMOS-compatible parallel I/O lines grouped in five 8-bit ports (shared with serial
ports)
•
8 data lines (D0–D7)
•
13 address lines (A0–A12)
•
I/0 read, write, buffer enable
•
Status, watchdog and clock outputs
•
Two startup mode inputs for master/slave configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com