Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCM2000 Datasheet(PDF) 42 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 42 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 38Page - Digi International Inc. RCM2000 Datasheet HTML 39Page - Digi International Inc. RCM2000 Datasheet HTML 40Page - Digi International Inc. RCM2000 Datasheet HTML 41Page - Digi International Inc. RCM2000 Datasheet HTML 42Page - Digi International Inc. RCM2000 Datasheet HTML 43Page - Digi International Inc. RCM2000 Datasheet HTML 44Page - Digi International Inc. RCM2000 Datasheet HTML 45Page - Digi International Inc. RCM2000 Datasheet HTML 46Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 80 page
background image
38
RabbitCore RCM2000
5.2 I/O
The RCM2000 was designed to interface with other systems, and so there are no drivers
written specifically for this purpose. The general Dynamic C read and write functions
allow you to customize the parallel I/O to meet your specific needs. For example, use
WrPortI(PEDDR, &PEDDRShadow, 0x00);
to set all the port E bits as inputs, or use
WrPortI(PEDDR, &PEDDRShadow, 0xFF);
to set all the port E bits as outputs.
The sample programs in the Dynamic C SAMPLES directory provide further examples.
5.2.1 PCLK Output
The PCLK output is controlled by bits 7 and 6 of the Global Output Register (GOCR) on
the Rabbit 2000 microprocessor, and so can be enabled or disabled in software. Starting
with Dynamic C v 7.02, the PCLK output is disabled by default at compile time to mini-
mize radiated emissions; the PCLK output is enabled in earlier versions of Dynamic C.
Use the following code to set the PCLK output as needed.
PCLK output driven with peripheral clock:
WrPortI(GOCR, &GOCRShadow, (GOCRShadow&~0xc0));
PCLK output driven with peripheral clock ÷ 2:
WrPortI(GOCR, &GOCRShadow, ((GOCRShadow&~0xc0)| 0x40));
PCLK output off (low):
WrPortI(GOCR, &GOCRShadow, ((GOCRShadow&~0xc0)| 0x80));
PCLK output on (high):
WrPortI(GOCR, &GOCRShadow, (GOCRShadow | 0xc0));



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com