Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCM2000 Datasheet(PDF) 46 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 46 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 42Page - Digi International Inc. RCM2000 Datasheet HTML 43Page - Digi International Inc. RCM2000 Datasheet HTML 44Page - Digi International Inc. RCM2000 Datasheet HTML 45Page - Digi International Inc. RCM2000 Datasheet HTML 46Page - Digi International Inc. RCM2000 Datasheet HTML 47Page - Digi International Inc. RCM2000 Datasheet HTML 48Page - Digi International Inc. RCM2000 Datasheet HTML 49Page - Digi International Inc. RCM2000 Datasheet HTML 50Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
42
RabbitCore RCM2000
A.1 Electrical and Mechanical Specifications
Figure A-1 shows the mechanical dimensions for the RCM2000.
Figure A-1. RCM2000 Dimensions
NOTE: All measurements are in inches followed by millimeters enclosed in parentheses.
All dimensions have a manufacturing tolerance of ±0.01" (0.25 mm).
Please refer to the RCM2000
footprint diagram later in this
appendix for precise header
locations.
U1
U2
R4
Y1
C1
C2
R2
R1
JP1
TP3
TP2
J3
PB5
PB7
GND
PB4
PB6
PCLK
D6
D7
D2
D3
D5
D4
D1
D0
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
/IOW
/IOR
/BEN
/WDO
PA1
PA3
PA5
PA7
PB1
PB3
GND
PA0
PA2
PA4
PA6
PB0
PB2
J1
VCC
J2
A12
A10
A8
A6
A4
A2
A0
A11
A9
A7
A5
A3
A1
STAT
PC0
PC2
PC4
PC6
PD0
PD2
PD4
PD6
GND
VBAT
PC1
PC3
PC5
PC7
PD1
PD3
PD5
PD7
VCC
SM1
GND
VRAM
SM0
VCC
/RESO
/RSTI
SRAM
JP3
TP1
C7
D3
U5
R6
D2
R7
C8 C9
TP4
2.300
(58.4)
1.300
(33.0)
0.125 dia
(3.2)
2.30
(58.4)
1.90
(48.3)
0.100
(2.5)
2.200
(55.9)
J1
J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com