Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCM2000 Datasheet(PDF) 73 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 73 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 69Page - Digi International Inc. RCM2000 Datasheet HTML 70Page - Digi International Inc. RCM2000 Datasheet HTML 71Page - Digi International Inc. RCM2000 Datasheet HTML 72Page - Digi International Inc. RCM2000 Datasheet HTML 73Page - Digi International Inc. RCM2000 Datasheet HTML 74Page - Digi International Inc. RCM2000 Datasheet HTML 75Page - Digi International Inc. RCM2000 Datasheet HTML 76Page - Digi International Inc. RCM2000 Datasheet HTML 77Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
User’s Manual
69
D.2 Keypad and LCD Connections
Figure D-2. Sample Keypad Connections
Sample Program: KEYLCD.C in SAMPLES\COREMODULE.
Figure D-3. Sample LCD Connections
Sample Program: KEYLCD.C in SAMPLES\COREMODULE.
PB2
PB0
PB3
PB4
PB5
PC1
VCC
10 kW
resistors
RCM2000
Core Module
Keypad
J1
J2
13
14
15
11
16
20
29
30
PD6
PD7
Row 0
Row 2
Row 3
Row 4
Row 5
Row 1
Col 0
Col 1
NC
NC
7
8
9
10
PA2
PA1
PA3
PA4
PA5
PA6
PA7
VLC
3
6
4
5
11
12
13
14
2
2x20 LCD
/CS
C/D
/WR
D4
D5
D6
D7
D0
D1
D2
D3
VLC
VCC
Rabbit 2000
Core Module
J1
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com