Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCM2000 Datasheet(PDF) 47 Page - Digi International Inc.

Part # RCM2000
Description  RabbitCore RCM2000 C-Programmable Module User’s Manual
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

RCM2000 Datasheet(HTML) 47 Page - Digi International Inc.

Back Button RCM2000 Datasheet HTML 43Page - Digi International Inc. RCM2000 Datasheet HTML 44Page - Digi International Inc. RCM2000 Datasheet HTML 45Page - Digi International Inc. RCM2000 Datasheet HTML 46Page - Digi International Inc. RCM2000 Datasheet HTML 47Page - Digi International Inc. RCM2000 Datasheet HTML 48Page - Digi International Inc. RCM2000 Datasheet HTML 49Page - Digi International Inc. RCM2000 Datasheet HTML 50Page - Digi International Inc. RCM2000 Datasheet HTML 51Page - Digi International Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
User’s Manual
43
It is recommended that you allow for an “exclusion zone” of 0.04" (1 mm) around the
RCM2000 in all directions when the RCM2000 is incorporated into an assembly that
includes other printed circuit boards. An “exclusion zone” of 0.08" (2 mm) is recom-
mended below the RCM2000 when the RCM2000 is plugged into another assembly using
the shortest connectors for header J1. Figure A-2 shows this “exclusion zone.”
Figure A-2. RCM2000 “Exclusion Zone”
1.980
(50.3)
Exclusion
Zone
2.380
(60.4)
2.300
(58.4)
1.900
(48.3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com