Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R44Y Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # FT-R44Y
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FT-R44Y Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button FT-R44Y Datasheet HTML 11Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 12Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 13Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 14Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 15Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 16Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 17Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 18Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
153 DigitalFiberSensorFX-300SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Reflective type
Model No.
Sensing range (mm in) (Note 1, 2) / Description
Dimensions
FX-301B / 311B
FX-301G / 311G
FX-301H
LONG
STD
FAST
LONG
STD
FAST
LONG
STD
FAST
FD-H30-KZ1V-S (Note 3,4) 30 to 40 1.181to1.575 –
–
–
–
–
–
–
–
P.64
FD-H30-L32
–
–
–
–
–
–
–
–
–
P.64
FD-H30-L32V-S (Note 3,4)
–
–
–
–
–
–
–
–
–
P.64
FD-H35-20S
22 0.866
11 0.433
7 0.276
12 0.472
6 0.236
4 0.157
80 3.150
40 1.575
28 1.102
P.64
FD-H35-M2
36 1.417
18 0.709
12 0.472
20 0.787
10 0.394
7 0.276
140 5.512
70 2.756
45 1.772
P.64
FD-H35-M2S6
36 1.417
18 0.709
12 0.472
20 0.787
10 0.394
7 0.276
140 5.512
70 2.756
45 1.772
P.64
FD-HF40Y (Note 5)
ø4 mm ø0.157 in form Protective tube: fluorine resin, length:500 mm 19.685 in (allowable cutting)
Liquid surface not contacted: Beam received, Liquid surface contacted: Beam interrupted
P.64
FD-L10 (Note 6) 0 to 3.5 0 to 0.138 0 to 3 0 to 0.118 0.5 to 2.5 0.020to0.098 0 to 3 0 to 0.118 1 to 2 0.039to0.079 – 0 to 3 0 to 0.118 1 to 2 0.039to0.079 –
P.65
FD-L11 (Note 6)
7 0.276
6.5 0.256 0.5 to 5.5 0.020to0.217
6.5 0.256 1 to 4 0.039to0.157
–
6.5 0.256 1 to 4.5 0.039to0.177
–
P.65
FD-L12W (Note 6)
–
–
–
–
–
–
–
–
–
P.65
FD-L20H
4.5 to 10 0.177to0.394 5 to 9 0.197to0.354 5.5 to 8 0.217to0.315 5 to 9 0.197to0.354 5.5 to 8 0.217to0.315
– 4.9 to 8.5 0.193to0.335 –
–
P.65
FD-L21 (Note 6)
–
–
–
–
–
–
–
–
–
P.65
FD-L21W (Note 6)
–
–
–
–
–
–
–
–
–
P.65
FD-L22A (Note 6)
–
–
–
–
–
–
–
–
–
P.65
FD-L23 (Note 6)
–
–
–
–
–
–
–
–
–
P.65
FD-L30A (Note 6)
–
–
–
–
–
–
–
–
–
P.65
FD-L31A (Note 6)
–
–
–
–
–
–
–
–
–
P.65
FD-L32H (Note 6)
–
–
–
–
–
–
–
–
–
P.66
FD-R31G
17 0.669
8 0.315
5 0.197
8 0.315
4 0.157
2 0.079
9 0.354
4 0.157
2 0.079
P.66
FD-R32EG
6 0.236
3 0.118
1.5 0.059
2 0.079
1 0.039
–
8 0.315
4 0.157
2.5 0.098
P.66
FD-R33EG
2 0.079
0.8 0.031
0.5 0.020
1 0.039
–
–
3 0.118
1.5 0.059
–
P.66
FD-R34EG
5 0.197
2 0.079
1.5 0.059
2 0.079
1 0.039
–
6 0.236
3 0.118
2 0.079
P.66
FD-R41
24 0.945 1 to 13 0.039to0.512 1 to 9 0.039to0.354 1 to 15 0.039to0.591 1 to 8 0.039to0.315 3 to 6 0.118to0.236
14 0.551 1 to 6 0.039to0.236 1 to 3 0.039to0.118
P.66
FD-R60
42 1.654
20 0.787 0.5 to 13 0.020to0.512
21 0.827 0.5 to 10 0.020to0.394 0.5 to 7 0.020to0.276
27 1.063
12 0.472
8 0.315
P.66
FD-R61Y
36 1.417
17 0.669 0.5 to 11 0.020to0.433
19 0.748 0.5 to 9 0.020to0.354 1 to 6 0.039to0.236
19 0.748 0.5 to 10 0.020to0.394 0.5 to 6 0.020to0.236
P.66
FD-S21
8 0.315
3.5 0.138
2 0.079
5 0.197
2 0.079
1.3 0.051
9 0.354
4 0.157
3 0.118
P.66
FD-S30
19 0.749
9 0.354
6 0.236
9 0.354
4.5 0.177
2.5 0.098
8 0.315
4 0.157
2.5 0.098
P.67
FD-S31
18 0.709
8 0.315
5 0.197
8 0.315
4 0.157
2 0.079
7 0.276
3 0.118
2 0.079
P.67
FD-S32
48 1.890
24 0.945
16 0.630
26 1.024
13 0.512
8 0.315
27 1.063
12 0.472
8 0.315
P.67
FD-S32W
32 1.260 1 to 15 0.039to0.591 1 to 9 0.039to0.354
17 0.669 1 to 7.5 0.039to0.295 1.5 to 4.5 0.059to0.177
18 0.709 1 to 9 0.039to0.354 1.5 to 5 0.059to0.197
P.67
FD-S33GW
14 0.551
7 0.276
5 0.197
6 0.236
4 0.157
2 0.079
9 0.354
5 0.197
2 0.079
P.67
FD-S60Y
50 1.969
20 0.787 3 to 12 0.118to0.472
28 1.102 3 to 9 0.118to0.354
–
30 1.181 2 to 13 0.079to0.512 5 to 6.5 0.197to0.256
P.67
FD-V30
9 0.354
–
–
–
–
–
–
–
–
P.67
FD-V30W
–
–
–
–
–
–
–
–
–
P.67
FD-V50
12 0.472
–
–
6 0.236
–
–
6 0.236
–
–
P.68
FD-Z20HBW
4 to 10 0.157to0.394
–
–
–
–
– 3 to 11 0.118to0.433 4 to 6 0.157to0.236 –
P.68
FD-Z20W
–
–
–
–
–
–
5 to 8 0.197to0.315
–
–
P.68
FD-Z40HBW
1 to 36 0.039to1.417 3 to 17 1.181to0.669 3 to 11 1.181to0.433 2 to 19 0.079to0.748 3 to 8 0.118to0.315 4 to 5 0.157to0.197 2 to 20 0.0787to0.787 3 to 10 0.118to0.394 4 to 5.5 0.157to0.217
P.68
FD-Z40W
4 to 20 0.157to0.787
–
– 4 to 14 0.157to0.551 –
– 5 to 10 0.197to0.394 –
–
P.68
FD-Z50HW
–
–
–
–
–
–
–
–
–
P.68
Notes: 1) The standard sensing objects of the sensing ranges vary depending on the fibers.
2) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
3) The sensing range of reflective type is the value for white non-glossy paper.
4) Sold as a set comprising vacuum type fiber + photo-terminal (
FV-BR1) + fiber at atmospheric side (FT-J8).
5) Liquid inflow prevention joint, protective tube extension joint, fiber mounting joint are available. Please refer to p.38 for details.
6) The sensing range is specified for transparent glass 100 × 100 × t.0.07 mm 3.937 × 3.937 × t0.028 in, (
FD-L32H: R-edge,
FD-L21 and FD-L21W: t2 mm t0.079 in) [FD-L10: silicon wafers 100 × 100 mm 3.937 × 3.937 in]
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.
SENSING RANGE OF BLUE LED / GREEN LED / INFRARED LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com