Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R44Y Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FT-R44Y
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FT-R44Y Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FT-R44Y Datasheet HTML 6Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 7Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 8Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 9Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 10Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 11Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 12Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 13Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Digital Fiber Sensor
FX-300 SERIES
148
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Model No.
Sensing range (mm in) (Note 2, 3) / Description
Dimensions
Red LED
U-LG
LONG
STDF
STD
FAST
H-SP
S-D
FD-61W
300 11.811
220
8.661
140
5.512
95
3.740
70
2.756
35
1.378
40
1.575
P.60
FD-62
690 27.165
480 18.898
310 12.205
220
8.661
160
6.299
85
3.346
90
3.543
P.60
FD-64X
270 10.630
200
7.874
100
3.937
85
3.346
60
2.362
35
1.378
35
1.378
P.61
FD-A16
230
9.055
200
7.874
150
5.906
150
5.906
100
3.937
45
1.772
50
1.969
P.61
FD-AL11
360 14.173
250
9.843
160
6.299
110
4.331
80
3.150
40
1.575
40
1.575
P.61
FD-E13
15
0.591
11
0.433
7
0.276
6
0.236
4
0.157
2
0.079
2
0.079
P.61
FD-E23
65
2.559
45
1.772
28
1.102
19
0.748
14
0.551
7
0.276
7
0.276
P.61
FD-EG30
60
2.362
45
1.772
25
0.984
19
0.748
14
0.551
7
0.276
7
0.276
P.61
FD-EG30S
60
2.362
45
1.772
25
0.984
19
0.748
14
0.551
7
0.276
7
0.276
P.62
FD-EG31
20
0.787
15
0.591
9
0.354
8
0.315
5
0.197
2.5
0.098
3
0.118
P.62
FD-F4
Applicable pipe diameter: Outer dia. ø6 to ø26 mm ø0.236 to ø1.024 in transparent pipe
[PFA (fluorine resin) or equivalently transparent pipe, wall thickness 1 mm 0.039 in]
P.62
FD-F41
Applicable pipe diameter: Outer dia. ø6 to ø26 mm ø0.236 to ø1.024 in transparent pipe
[PVC (vinyl chloride), fluorine resin, polycarbonate, acrylic, glass, wall thickness 1 to 3 mm 0.039 to 0.118 in]
P.62
FD-F41Y
ø4 mm ø0.157 in form Protective tube: fluorine resin, length 500 mm 19.685 in (cuttable)
Liquid surface not contacted: Beam received, Liquid surface contacted: Beam interrupted
P.62
FD-F8Y
P.62
FD-FA93
Applicable pipe diameter: Outer dia. ø8 mm ø0.315 in or more transparent pipe
(When used with the tying bands: ø8 to ø80 mm ø0.315 to ø3.150 in)
[PFA (fluorine resin), including translucent]
Liquid absent: Beam received, Liquid present: Beam interrupted
P.62
FD-H13-FM2
410 16.142
310 12.205
200
7.874
140
5.512
100
3.937
55
2.165
47
1.850
P.63
FD-H18-L31
0 to 20 0 to 0.787 0 to 15 0 to 0.591 0 to 10 0 to 0.394 0 to 10 0 to 0.394 1 to 8 0.039 to 0.315
Cannot use
2 to 6 0.079 to 0.236
P.63
FD-H20-21
300 11.811
270 10.630
150 5.906
140 5.512
100 3.937
35 1.378
47 1.850
P.63
FD-H20-M1
300 11.811
270 10.630
150 5.906
140 5.512
100 3.937
35 1.378
47 1.850
P.63
FD-H25-L43 (Note 5) 3 to 28 0.118 to 1.102 3 to 25 0.118 to 0.984 4 to 23 0.157 to 0.906 4 to 20 0.118 to 0.787 4 to 19 0.118 to 0.748 4 to 16 0.118 to 0.630 4 to 16 0.118 to 0.630
P.63
FD-H25-L45 (Note 5) 5 to 42 0.197 to 1.654 6 to 41 0.236 to 1.614 6 to 40 0.236 to 1.575 7 to 38 0.276 to 1.496
P.63
FD-H30-KZ1V-S (Note 5,6) 20 to 300 0.787 to 11.811 20 to 200 0.787 to 7.874 20 to 150 0.787 to 5.906 25 to 130 0.984 to 5.118 30 to 100 1.181 to 3.937
Cannot use
Cannot use
P.64
FD-H30-L32
0 to 20 0 to 0.787 0 to 15 0 to 0.591 0 to 10 0 to 0.394 0 to 10 0 to 0.394 1 to 8 0.039 to 0.315
Cannot use
2 to 6 0.079 to 0.236
P.64
FD-H30-L32V-S (Note 5,6) 0 to 11 0 to 0.433 0 to 8 0 to 0.315 1.5 to 6 0.059 to 0.236 1.5 to 5 0.059 to 0.197 2 to 4 0.079 to 0.157
Cannot use
Cannot use
P.64
FD-H35-20S
190 7.480
160 6.299
80 3.150
80 3.150
57 2.244
20 0.787
26 1.024
P.64
FD-H35-M2
300 11.811
270 10.630
150 5.906
140 5.512
100 3.937
35 1.378
47 1.850
P.64
FD-H35-M2S6
300 11.811
270 10.630
150 5.906
140 5.512
100 3.937
35 1.378
47 1.850
P.64
FD-HF40Y
(Note 4)
ø4 mm ø0.157 in form Protective tube: fluorine resin, length:500 mm 19.685 in (allowable cutting)
Liquid surface not contacted: Beam received, Liquid surface contacted: Beam interrupted
P.64
FD-L10 (Note 5)
0 to 4.7 0 to 0.185 0 to 4.5 0 to 0.177 0 to 4.5 0 to 0.177
0 to 4 0 to 0.157 0 to 3.8 0 to 0.150 0 to 3.5 0 to 0.138 0 to 3.5 0 to 0.138
P.65
FD-L11 (Note 5)
0 to 9 0 to 0.354
0 to 8 0 to 0.315
0 to 8 0 to 0.315
0 to 7 0 to 0.906
0 to 7 0 to 0.276
0 to 6 0 to 0.236
0 to 6 0 to 0.236
P.65
FD-L12W (Note 5) 0.5 to 9 0.020 to 0.354 0.5 to 8 0.019 to 0.315 1 to 6.5 0.039 to 0.256 1 to 5.5 0.039 to 0.217 1 to 5 0.039 to 0.197
P.65
FD-L20H
1 to 29 0.039 to 1.142 2 to 23 0.079 to 0.906 3 to 17 0.118 to 0.669 4 to 14 0.157 to 0.551 4.5 to 11 0.177 to 0.433 5 to 8.5 0.196 to 0.335 4.8 to 9.5 0.188 to 0.374
P.65
FD-L21 (Note 5)
2 to 19 0.079 to 0.748 2 to 18 0.079 to 0.709 2 to 16 0.079 to 0.748 3 to 16 0.118 to 0.630 3 to 15 0.118 to 0.591 4 to 11 0.157 to 0.433 5 to 11 0.197 to 0.433
P.65
FD-L21W (Note 5) 3 to 14.5 0.118 to 0.571 3 to 14 0.118 to 0.551 4 to 14 0.157 to 0.551 6 to 12 0.236 to 0.472 7 to 12 0.276 to 0.472
P.65
FD-L22A (Note 5) 0 to 26 0 to 1.024 0 to 23 0 to 0.906 0 to 23 0 to 0.906 0 to 23 0 to 0.906 0 to 19 0 to 0.748 1 to 17 0.039 to 0.669 1 to 17 0.039 to 0.669
P.65
LIST OF FIBERS
The
FX-305 and FX-301(-HS) have different sensing modes.
FX-305: H-SP, FAST, STD, STDF, LONG, U-LG (no S-D mode)
FX-301(-HS): S-D, H-SP (Note 1), FAST, STD, LONG (no STDF or U-LG mode)
Reflective type
FX-301 / FX-305 (Red LED type) sensing range (Note 1)
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.
Notes: 1) Please contact our office about the sensing ranges for
FX-301-HS in H-SP mode.
2) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
3) The sensing range of reflective type is the value for white non-glossy paper (as for
FD-H30-L32 and FD-H18-L31 50 × 50 mm 1.969 × 1.969 in glass
substrate).
4) Liquid inflow prevention joint, protective tube extension joint, fiber mounting joint are available. Please refer to p.38 for details.
5) The sensing range is specified for transparent glass 100 × 100 × t0.7 mm 3.937 × 3.937 × t0.028 in (
FD-L21 and FD-L21W: t2 mm t0.079 in) [FD-L10:
silicon wafers 100 × 100 mm 3.937 × 3.937 in].
6) Sold as a set comprising vacuum type fiber + photo-terminal (
FV-BR1) + fiber at atmospheric side (FT-J8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com