Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R44Y Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # FT-R44Y
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FT-R44Y Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button FT-R44Y Datasheet HTML 18Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 19Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 20Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 21Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 22Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 23Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 24Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 25Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Digital Fiber Sensor
FX-300 SERIES
160
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
PRECAUTIONS FOR PROPER USE
Cautions on sensor connection in cascade
• When the units of the group A and the group B are
connected in cascade as
<Figure B> shown above,
optical communications cannot be done. When the
optical communications function is used, connect them as
<Figure A> shown above. If the units cannot be placed
as
<Figure A>, the following measure 1 or 2 should be
taken.
1
Affix the communication window seal of the accessory
fiber amplifier protection seal (
FX-MB1) to the
communication window of the
FX-301(P) updated
version unit or
FX-305(P).
2
If the measure 1 described above cannot be taken,
change the optical communications spec. of the group B
units.
• When the units in the group A and the group B shown in
the table below are connected in cascade, connect them
in cascade as
<Figure A> shown below.
Group B
Group A
<Figure A>
Group A
Group B
<Figure B>
Optical communications
are possible
Optical communications
are impossible
Group A
FX-301(P): Previous version unit
(Note 1),
FX-301G(P)/B(P)/H(P),
FX-41□(P), LS-401(P) (Note 2)
Group B FX-301(P): Updated version
unit (Note 1),
FX-305(P)
Notes: 1) For the difference between the updated
version unit and the previous version
unit, refer to “
A difference between the
updated version unit and the previous
version unit”.
2) When
LS-401(P) is connected with the
digital fiber amplifier in cascade, be sure to
locate
LS-401(P) at the left-most position
(when viewed from the connector side).
Notes: 1)
FX-305(P); Output 1 operation indicator (Orange)
2)
FX-305(P); Output 2 operation indicator (Orange)
MODE indicator / L/D ON (Yellow)
MODE indicator / TIMER (Yellow)
MODE key
Jog switch
MODE indicator /
PRO (Yellow)
Digital display (Red)
MODE indicator / ADJ (Yellow)
MODE indicator / TEACH (Yellow)
MODE indicator / RUN (Green)
Operation indicator (Orange) (Note1)
Stability indicator
(Green)(Note2)
Mount the amplifiers, one by
one, on the 35 mm 1.378 in
width DIN rail.
Slide the amplifiers next to each
other, and connect the quick-
connection cables.
Mount the optional end plates
(
MS-DIN-E) at both the ends to
hold the amplifiers between
their flat sides.
Tighten the screws to fix the
end plates.
• Change the communication specification of Group B
according to the following procedures. Make sure to set the
communication specification to “ (Group A communication
specification)” or “ (Optical Communication Stop)”.
Dismantling
Cascading method
How to change the communication specification of Group B
Loosen the screws of the end
plates.
Remove the end plates.
Slide the amplifiers and remove
them one by one.
35 mm 1.378 in
width DIN rail
Sub unit
Main unit
Slide
Sub cable
(CN-71/72-C )
(Optional)
Main cable
(CN-73/74-C )
(Optional)
End plate
(MS-DIN-E)
(Optional)
Slide
Notes: 4) When the communication specification is set to “ (Group A
communication specification)”, make sure to tightly attach the
products. Also make sure to take note of the following:
• There are instances when the optical communication function
cannot be used due to the usage environment, etc.
• Do not perform batch channel loading or saving.
Group B's Communication
Specification
Group A's Communication
Specification
Optical Communication Stop
<Changing Procedure>
Display [PRO4].
Long press the [Jog Switch] and
[MODE key] at the same time.
(Note 3)
When you release the [Jog Switch] and
[MODE key], the communication specification
will be set and “PRO4” will be displayed.
Notes: 3) Every time the [Jog Switch] and the [MODE key] is
simultaneously long pressed, the display changes in
this sequence: “ ”→“ ”→“ ”→“ ”→“ ”.
Part description
Operation procedure
Power ON
Communication self-check
RUN
TEACH
ADJ
L/D
TIMER
PRO
Press
MODE key
Press
MODE key
Press
MODE key
Press
MODE key
Press
MODE key
Press
MODE key
[Teaching]
(P.161)
[Threshold
value fine
adjust] (P.162)
[PRO mode]
[Timer operation
setting] (P.162)
[Output operation
setting] (P.162)
• When the power supply is switched on, communication
self-check is carried out and normal condition is
displayed [MODE indicator / RUN (green)] lights up and
the digital display shows the incident light intensity.
• When the MODE key is pressed, the mode will change as
shown in the following diagram.
When Jog switch is pressed, the setting is confirmed.
When MODE key is pressed for 2 sec., or more, the sensor returns to the ‘RUN’ mode.
Cancellation is possible by pressing MODE key during setting.
Refer to p.1458~ for general precautions and to the “PRO mode operation guide”
on our website for details pertaining to operating instructions for the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com