Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R44Y Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FT-R44Y
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FT-R44Y Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FT-R44Y Datasheet HTML 1Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 2Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 3Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 4Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 5Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 6Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 7Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 8Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
139
Related Information
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
LIGHT CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN MACHINE
INTERFACES
ENERGY CONSUMPTION
VISUALIZATION
COMPONENTS
FA COMPONENTS
MACHINE VISION
SYSTEMS
UV CURING
SYSTEMS
Digital Fiber Sensor
FX-300 SERIES
■SC-GU1-485.............................. P.1009~
Constant advances achieving significant
improvement of sensing performance
Conforming to
EMC Directive
Recognition
PNP output
type available
Timer
Light intensity
monitor
Automatic
sensitivity setting
Interference
prevention
In addition to a “four-chemical emitting element” which
suppresses changes in the light emitting element over
time so that a stable level of light emission can be
maintained over long periods, a “APC (Auto Power
Control) circuit” has also been adopted afresh. The light
emitting amount can be controlled in minute degrees
so that even changes occurring over very short periods
can be handled, allowing stable sensing performance by
suppressing deviations in light emitting amounts caused
by changes in the ambient environment that could not
previously be suppressed.
Stable sensing over long and short periods
FX-301 FX-301-HS FX-305
Even greater sensing range
All models
Adoption of a “double coupling lens” that increases
emission efficiency to its maximum limits and greatly
increases sensing range. Sensing ranges with small
diameter fibers and ultra-small diameter fibers, which
have become very popular due to the miniaturization of
chip components, have been increased by 50 % over
previous values achieved with other amplifiers.
Stable sensing comparison
Three-chemical emitting element,
Without APC
FX-301
FX-301-HS
FX-305
Time
Long-term stability
Short-term stability
Deviation
Disperses the light reduces
emitting efficiency.
• Conventional fiber sensors (Without lens)
The lens concentrates the light, greatly
increasing emitting efficiency.
• Double coupling lens
Certified
■General precautions...................P.1458~ ■Korea’s S-mark.............................P.1506
■General terms and conditions.............F-7
■Glossary of terms........................P.1455~
■Sensor selection guide……………… P.3~
NPN output types of
connector type only
* UL 61010C-1 compatible, Passed the UL 991
Environment Test based on SEMI S2-0200.
[Category applicable for semiconductor
manufacturing: TWW2, Process Equipment]
[Applicable standards: UL 61010C-1]
[Additional test / evaluation standards as per intended
use: UL 991, SEMI S2-0200]
* Passed the UL 991 Environment Test
panasonic.net/id/pidsx/global


Similar Part No. - FT-R44Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
FT-R44Y PANASONIC-FT-R44Y Datasheet
8Mb / 16P
Digital Fiber Sensor
More results

Similar Description - FT-R44Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA-S OMRON-E3X-DA-S Datasheet
1Mb / 28P
Digital Fiber Sensors
E3X-DA8-S OMRON-E3X-DA8-S Datasheet
5Mb / 34P
Digital Fiber Sensors
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
Digital Fiber Sensors
logo
List of Unclassifed Man...
FX-101P-CC2 ETC2-FX-101P-CC2 Datasheet
5Mb / 16P
Digital Fiber Sensor FX-100 SERIES
FS-V21 ETC1-FS-V21 Datasheet
416Kb / 4P
DUAL DIGITAL FIBER SENSOR
logo
FOTEK CONTROLS CO., LTD...
FF-03R FOTEK-FF-03R Datasheet
1,019Kb / 4P
OPTICAL FIBER SENSOR
logo
Panasonic Semiconductor
FX-301-F7 PANASONIC-FX-301-F7 Datasheet
618Kb / 6P
Digital Fiber Sensor for Leak Detection / Liquid Detection Fibers Only
logo
Pepperl+Fuchs Inc.
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com