Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R44Y Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # FT-R44Y
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FT-R44Y Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button FT-R44Y Datasheet HTML 16Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 17Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 18Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 19Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 20Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 21Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 22Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 23Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Digital Fiber Sensor
FX-300 SERIES
158
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
(Black) Output 1
(White) Output 2
(Blue) 0 V (Note 1)
Users’ circuit
Internal circuit
(Brown) +V (Note 1)
D
50 mA max. (Note 2)
50 mA max. (Note 2)
ZD1
Tr1
Tr2
ZD2
Load
Load
12 to 24 V DC
±10 %
Color code of quick-connection cable
+
1
3
4
2
Terminal No.
I/O CIRCUIT AND WIRING DIAGRAMS
FX-301(-HS)
NPN output type
+
100 mA max. (Note 2)
(Blue) 0 V (Note 1)
12 to 24 V DC
±10 %
(Brown) +V (Note 1)
(Black) Output
Color code of quick-connection cable
Users’ circuit
Internal circuit
Terminal No.
Tr
D
ZD
Load
1
3
2
12 to 24 V DC
±10 %
Brown (Note)
Black
Blue (Note)
+
Color code of quick-connection cable
Load
Notes: 1) The quick-connection sub cable does not have +V (brown) and 0 V
(blue). The power is supplied from the connector of the main cable.
2) 50 mA max., if five amplifiers, or more, are connected together.
Note: The quick-connection sub cable does not have brown lead wire and
blue lead wire.
Terminal arrangement diagram
+V
Output
0 V
1
3
2
I/O circuit diagram
Wiring diagram
Symbols … D : Reverse supply polarity protection diode
ZD: Surge absorption zener diode
Tr : NPN output transistor
FX-301P(-HS)
PNP output type
100 mA max. (Note 2)
(Black) Output
(Blue) 0 V (Note 1)
12 to 24 V DC
±10 %
+
(Brown) +V (Note 1)
Color code of quick-connection cable
Terminal No.
Users’ circuit
Internal circuit
D
ZD
Tr
Load
3
2
1
Load
Brown (Note)
Black
Blue (Note)
Color code of quick-connection cable
12 to 24 V DC
±10 %
+
+V
Output
0 V
1
3
2
I/O circuit diagram
Wiring diagram
Notes: 1) The quick-connection sub cable does not have +V (brown) and 0 V
(blue). The power is supplied from the connector of the main cable.
2) 50 mA max., if five amplifiers, or more, are connected together.
Symbols … D : Reverse supply polarity protection diode
ZD: Surge absorption zener diode
Tr : PNP output transistor
Note: The quick-connection sub cable does not have brown lead wire and
blue lead wire.
Terminal arrangement diagram
FX-305
NPN output type
50 mA max. (Note 2)
(White) Output 2
D
ZD1
Tr1
Tr2
50 mA max. (Note 2)
ZD2
Load
Load
Users’ circuit
Internal circuit
(Blue) 0 V (Note 1)
Color code of quick-connection cable
Terminal No.
(Brown) +V (Note 1)
(Black) Output
+
12 to 24 V DC
±10 %
1
3
2
4
Brown (Note)
Black
Blue (Note)
White
Color code of quick-connection cable
Load Load
12 to 24 V DC
±10 %
+
+V
Output 1
0 V
1
3
Output 2
4
2
I/O circuit diagram
Wiring diagram
Notes: 1) The quick-connection sub cable does not have +V (brown) and 0 V
(blue). The power is supplied from the connector of the main cable.
2) 25 mA max., if five amplifiers, or more, are connected together.
Symbols … D: Reverse supply polarity protection diode
ZD1, ZD2: Surge absorption zener diode
Tr1, Tr2 : NPN output transistor
Note: The quick-connection sub cable does not have brown lead wire and
blue lead wire.
Terminal arrangement diagram
FX-305P
PNP output type
Brown (Note)
Black
Blue (Note)
White
Color code of quick-connection cable
Load Load
12 to 24 V DC
±10 %
+
Output 1
0 V
1
3
Output 2
4
2
+V
I/O circuit diagram
Wiring diagram
Notes: 1) The quick-connection sub cable does not have +V (brown) and 0 V
(blue). The power is supplied from the connector of the main cable.
2) 25 mA max., if five amplifiers, or more, are connected together.
Symbols … D: Reverse supply polarity protection diode
ZD1, ZD2: Surge absorption zener diode
Tr1, Tr2 : PNP output transistor
Note: The quick-connection sub cable does not have brown lead wire and
blue lead wire.
Terminal arrangement diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com