Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT-R44Y Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # FT-R44Y
Description  Digital Fiber Sensor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FT-R44Y Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button FT-R44Y Datasheet HTML 7Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 8Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 9Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 10Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 11Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 12Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 13Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 14Page - List of Unclassifed Manufacturers FT-R44Y Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
149 DigitalFiberSensorFX-300SERIES
Selection
Guide
Fibers
Fiber
Amplifiers
FX-500
FX-100
FX-300
FX-410
FX-311
FX-301-F7/
FX-301-F
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
LIGHT
CURTAINS /
SAFETY
COMPONENTS
PRESSURE /
FLOW
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
SIMPLE
WIRE-SAVING
UNITS
WIRE-SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
ELECTRICITY
PREVENTION
DEVICES
LASER
MARKERS
PLC
HUMAN
MACHINE
INTERFACES
ENERGY
CONSUMPTION
VISUALIZATION
COMPONENTS
FA
COMPONENTS
MACHINE
VISION
SYSTEMS
UV
CURING
SYSTEMS
Model No.
Sensing range (mm in) (Note 2, 3) / Description
Dimensions
Red LED
U-LG
LONG
STDF
STD
FAST
H-SP
S-D
FD-L23 (Note 4)
0 to 30 0 to 1.181 0 to 30 0 to 1.181 0 to 30 0 to 1.181 0 to 30 0.039 to 1.181 1 to 28 0.039 to 1.102 2 to 27 0.079 to 1.063 2 to 27 0.079 to 1.063
P.65
FD-L30A (Note 4) 0 to 50 0 to 1.969 0 to 43 0 to 17.441 0 to 40 0 to 1.575 0 to 37 0 to 1.457 0 to 32 0 to 1.260 0 to 26 0 to 1.024 0 to 26 0 to 1.024
P.65
FD-L31A (Note 4) 4 to 33 0 to 13.110 4 to 33 0.157 to 1.299 5 to 32 0 to 1.260 5 to 32 0.197 to 1.260 5 to 32 0.197 to 1.259 6 to 18 0.236 to 0.709 6 to 18 0.236 to 0.709
P.65
FD-L32H (Note 4) 0 to 60 0 to 2.362 0 to 50 0 to 1.969 0 to 36 0 to 0.984 15 to 35 0.591 to 1.378 16 to 29 0.630 to 1.142
P.66
FD-R31G
160
6.299
92
3.622
75
2.953
44
1.732
32
1.260
17
0.669
17
0.669
P.66
FD-R32EG
60
2.362
45
1.772
25
0.984
19
0.748
13
0.512
7
0.276
7
0.276
P.66
FD-R33EG
17
0.669
15
0.591
8
0.315
6
0.236
4
0.157
2
0.079
2
0.079
P.66
FD-R34EG
51
2.008
38
1.496
21
0.827
16
0.630
11
0.433
6
0.236
6
0.236
P.66
FD-R41
230
9.055
150
5.906
100
3.937
70
2.756
50
1.969
28
1.102
28
1.102
P.66
FD-R60
310 12.205
240
9.449
170
6.693
120
4.724
90
3.543
45
1.772
45
1.772
P.66
FD-R61Y
350 13.780
230
9.055
160
6.299
110
4.330
80
3.150
45
1.772
45
1.772
P.66
FD-S21
80
3.150
50
1.969
40
1.575
25
0.984
19
0.748
9
0.354
9
0.354
P.66
FD-S30
170
6.693
110
4.331
70
2.756
50
1.969
40
1.575
20
0.787
18
0.709
P.67
FD-S31
150
5.906
95
3.740
63
2.480
45
1.772
35
1.378
17
0.669
16
0.630
P.67
FD-S32
440 17.323
270 10.630
200
7.874
140
5.512
100
3.937
55
2.165
55
2.165
P.67
FD-S32W
300 11.811
220
8.661
140
5.512
95
3.740
70
2.756
35
1.378
40
1.575
P.67
FD-S33GW
160
6.299
85
3.346
70
2.756
35
1.378
25
0.984
13
0.512
14
0.551
P.67
FD-S60Y
410 16.142
360 14.173
250
9.843
170
6.693
120
4.724
65
2.559
70
2.756
P.67
FD-V30
80
3.150
45
1.772
30
1.181
20
0.787
15
0.591
6
0.236
7
0.276
P.67
FD-V30W
25
0.984
15
0.591
10
0.394
7
0.276
5
0.197
P.67
FD-V50
170
6.693
100
3.937
55
2.165
45
1.772
32
1.260
15
0.591
16
0.630
P.68
FD-Z20HBW
1 to 70 0.039 to 2.756 1 to 70 0.039 to 2.756 1 to 32.2 0.039 to 1.268 2 to 30 0.079 to 1.181 2.5 to 20 0.098 to 0.787 3 to 10 0.118 to 0.394 3 to 10 0.118 to 0.394
P.68
FD-Z20W
1 to 87 0.039 to 3.425 1 to 59 0.0.9 to 2.323 2 to 39 0.079 to 1.535 3 to 27 0.118 to 1.063 3 to 19 0.118 to 0.748
P.68
FD-Z40HBW
350 13.780 0.5 to 230 0.02 to 9.055 1 to 160 0.039 to 6.299 1 to 100 0.039 to 3.937 1 to 70 0.039 to 2.756 1 to 40 0.039 to 1.575 1 to 40 0.039 to 1.575
P.68
FD-Z40W
270 10.630
180
7.087
120
4.724 1 to 87 0.039 to 3.425 1 to 63 0.039 to 2.480 2.5 to 32 0.098 to 1.260 2.5 to 32 0.098 to 1.260
P.68
FD-Z50HW
10 to 870 0.394 to 34.252 10 to 540 0.394 to 21.260 10 to 400 0.394 to 15.748 10 to 250 0.393 to 9.843 10 to 190 0.394 to 7.480 15 to 100 0.196 to 3.937 15 to 100 0.591 to 3.937
P.68
LIST OF FIBERS
The
FX-305 and FX-301(-HS) have different sensing modes.
FX-305: H-SP, FAST, STD, STDF, LONG, U-LG (no S-D mode)
FX-301(-HS): S-D, H-SP (Note 1), FAST, STD, LONG (no STDF or U-LG mode)
Reflective type
FX-301 / FX-305 (Red LED type) sensing range (Note 1)
Fibers are listed in alphabetic order. Refer to p.5~ “Fiber Selection” for details of each fiber.
Notes: 1) Please contact our office about the sensing ranges for
FX-301-HS in H-SP mode.
2) Note that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
3) The sensing range of reflective type is the value for white non-glossy paper.
4) The sensing range is specified for transparent glass 100 × 100 × t0.7 mm 3.937 × 3.937 × t0.028 in (
FD-L32H: R edge).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com