Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705P6AGRS/D Datasheet(PDF) 130 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 130 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 126Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 127Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 128Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 129Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 130Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 131Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 132Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 133Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 134Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 130 / 134 page
background image
Mechanical Specifications
General Release Specification
MC68HC705P6A — Rev. 1.0
Mechanical Specifications
15.3 Plastic Dual In-Line Package (Case 710)
15.4 Small Outline Integrated Circuit Package (Case 751F)
0.100 BSC
0.600 BSC
2.54 BSC
15.24 BSC
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
36.45
13.72
3.94
0.36
1.02
1.65
0.20
2.92
0.51
37.21
14.22
5.08
0.56
1.52
2.16
0.38
3.43
15°
1.02
1.435
0.540
0.155
0.014
0.040
0.065
0.008
0.115
0.020
1.465
0.560
0.200
0.022
0.060
0.085
0.015
0.135
15°
0.040
A
B
C
D
F
G
H
J
K
L
M
N
NOTES:
1. POSITIONAL TOLERANCE OF LEADS (D),
SHALL BE WITHIN 0.25mm (0.010) AT
MAXIMUM MATERIAL CONDITION, IN
RELATION TO SEATING PLANE AND
EACH OTHER.
2. DIMENSION L TO CENTER OF LEADS
WHEN FORMED PARALLEL.
3. DIMENSION B DOES NOT INCLUDE
MOLD FLASH.
114
15
28
B
A
C
N
K
M
J
D
SEATING
PLANE
F
HG
L
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
17.80
7.40
2.35
0.35
0.41
0.23
0.13
10.05
0.25
18.05
7.60
2.65
0.49
0.90
0.32
0.29
10.55
0.75
0.701
0.292
0.093
0.014
0.016
0.009
0.005
0.395
0.010
0.711
0.299
0.104
0.019
0.035
0.013
0.011
0.415
0.029
1.27 BSC
0.050 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15
(0.006) PER SIDE.
5. DIMENSION D DOES NOT INCLUDE
DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.13
(0.005) TOTAL IN EXCESS OF D
DIMENSION AT MAXIMUM MATERIAL
CONDITION.
-A-
-B-
114
15
28
-T-
C
SEATING
PLANE
0.010 (0.25)
B
M
M
M
J
-T-
K
26X
G
28X
D
14X
P
R X 45
°
F
0.010 (0.25)
T A
B
M
S
S
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com