Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705P6AGRS/D Datasheet(PDF) 82 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 78Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 79Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 80Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 81Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 82Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 83Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 84Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 85Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 134 page
background image
Analog Subsystem
General Release Specification
MC68HC705P6A — Rev. 1.0
Analog Subsystem
9.7 A/D Conversion Data Register (ADC)
This register contains the output of the A/D converter. See Figure 9-2.
9.8 A/D Subsystem Operation during Halt/Wait Modes
The A/D subsystem continues normal operation during wait and halt
modes. To decrease power consumption during wait or halt mode, the
ADON and ADRC bits in the A/D status and control register should be
cleared if the A/D subsystem is not being used.
9.9 A/D Subsystem Operation during Stop Mode
When stop mode is enabled, execution of the STOP instruction will
terminate all A/D subsystem functions. Any pending conversion is
aborted. When the oscillator resumes operation upon leaving stop
mode, a finite amount of time passes before the A/D subsystem
stabilizes sufficiently to provide conversions at its rated accuracy. The
delays built into the MC68HC705P6A when coming out of stop mode are
sufficient for this purpose. No explicit delays need to be added to the
application software.
$001D
Bit 7
654321
Bit 0
Read:
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
Write:
Reset:
Unaffected by reset
= Unimplemented
Figure 9-2. A/D Conversion Value Data Register (ADC)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com