Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705P6AGRS/D Datasheet(PDF) 97 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 93Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 94Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 95Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 96Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 97Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 98Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 99Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 100Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 134 page
background image
General Release Specification
Registers
MC68HC705P6A — Rev. 1.0
General Release Specification
CPU Core
operand address by adding the index register contents to a 16-bit
immediate value.
The index register can also serve as an auxiliary accumulator for
temporary storage. The index register is unaffected by a reset of the
device.
12.3.3 Stack Pointer
The stack pointer shown in Figure 12-1 is a 16-bit register internally. In
devices with memory maps less than 64 Kbytes, the unimplemented
upper address lines are ignored. The stack pointer contains the address
of the next free location on the stack. During a reset or the reset stack
pointer (RSP) instruction, the stack pointer is set to $00FF. The stack
pointer is then decremented as data is pushed onto the stack and
incremented as data is pulled from the stack.
When accessing memory, the 10 most significant bits are permanently
set to 0000000011. The six least significant register bits are appended
to these 10 fixed bits to produce an address within the range of $00FF
to $00C0. Subroutines and interrupts may use up to 64 ($40) locations.
If 64 locations are exceeded, the stack pointer wraps around and writes
over the previously stored information. A subroutine call occupies two
locations on the stack and an interrupt uses five locations.
12.3.4 Program Counter
The program counter shown in Figure 12-1 is a 16-bit register internally.
In devices with memory maps less than 64 Kbytes, the unimplemented
upper address lines are ignored. The program counter contains the
address of the next instruction or operand to be fetched.
Normally, the address in the program counter increments to the next
sequential memory location every time an instruction or operand is
fetched. Jump, branch, and interrupt operations load the program
counter with an address other than that of the next sequential location.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com