Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705P6AGRS/D Datasheet(PDF) 85 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 81Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 82Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 83Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 84Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 85Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 86Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 87Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 88Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 134 page
background image
General Release Specification
EPROM Programming Register (EPROG)
MC68HC705P6A — Rev. 1.0
General Release Specification
EPROM
EPROG register and the state of these bits coming out of reset. All the
bits in the EPROG register are cleared by reset.
EPGM — EPROM Program Control
If the EPGM bit is set, programming power is applied to the EPROM
array. If the EPGM bit is cleared, programming power is removed
from the EPROM array. The EPGM bit cannot be set unless the ELAT
bit is set already.
Whenever the ELAT bit is cleared, the EPGM bit is cleared also. Both
the EPGM and the ELAT bit cannot be set using the same write
instruction. Any attempt to set both the EPGM and ELAT bit on the
same write instruction cycle will result in the ELAT bit being set and
the EPGM bit being cleared. The EPGM bit is a read-write bit and can
be read at any time. The EPGM bit is cleared by reset.
ELAT— EPROM Latch Control
If the ELAT bit is set, the EPROM address and data bus are
configured for programming to the array. If the ELAT bit is cleared, the
EPROM address and data bus are configured for normal reading of
data from the array. When the ELAT bit is set, the address and data
bus are latched in the EPROM array when a subsequent write to the
array is made. Data in the EPROM array cannot be read if the ELAT
bit is set.
Whenever the ELAT bit is cleared, the EPGM bit is cleared also. Both
the EPGM and the ELAT bit cannot be set using the same write
instruction. Any attempt to set both the EPGM and ELAT bit on the
same write instruction cycle will result in the ELAT bit being set and
the EPGM bit being cleared. The ELAT bit is a read-write bit and can
be read at any time. The ELAT bit is cleared by reset.
$1C
Bit 7
654321
Bit 0
Read:
00000
ELAT
0
EPGM
Write:
Reset:
00000000
= Unimplemented
Figure 10-1. EPROM Programming Register (EPROG)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com