Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705P6AGRS/D Datasheet(PDF) 92 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 88Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 89Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 90Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 91Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 92Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 93Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 94Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 95Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 134 page
background image
Mask Option Register (MOR)
General Release Specification
MC68HC705P6A — Rev. 1.0
Mask Option Register (MOR)
11.3 Mask Option Register (MOR) $1EFF–$1F00
Mask options are programmed into the mask option register (MOR) by
the firmware in the bootloader ROM.
COP — COP Watchdog Enable
Setting the COP bit will enable the COP watchdog timer. The COP will
reset the MCU if the timeout period is reached before the COP
watchdog timer is cleared by the application software
and the voltage
applied to the IRQ/VPP pin is between VSS and VDD. Clearing the
COP bit will disable the COP watchdog timer regardless of the voltage
applied to the IRQ/VPP pin.
LEVEL — IRQ Edge Sensitivity
If the LEVEL bit is clear, the IRQ/VPP pin will only be sensitive to the
falling edge of the signal applied to the IRQ/VPP pin. If the LEVEL bit
is set, the IRQ/VPP pin will be sensitive to both the falling edge of the
input signal and the logic low level of the input signal on the IRQ/VPP
pin.
$1EFF
Bit 7
654321
Bit 0
Read:
PA7PU
PA6PU
PA5PU
PA4PU
PA3PU
PA2PU
PA1PU
PA0PU
Write:
Erased
State:
00000000
$1F00
Bit 7
654321
Bit 0
Read:
SECURE
RCOSC
SWAIT
SPR1
SPR0
LSBF
LEVEL
COP
Write:
Erased
State:
00000000
Figure 11-1. Mask Option Register (MOR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com