Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705P6AGRS/D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 6Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 7Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 8Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 9Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 10Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 11Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 12Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 13Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 134 page
background image
Table of Contents
General Release Specification
MC68HC705P6A — Rev. 1.0
Table of Contents
Section 14. Electrical Specifications
14.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .119
14.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .119
14.3
Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .120
14.4
Operating Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .121
14.5
Thermal Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . .121
14.6
DC Electrical Characteristics (VDD = 5.0 V) . . . . . . . . . . . . . .122
14.7
DC Electrical Charactertistics (VDD = 3.3 V). . . . . . . . . . . . . .123
14.8
A/D Converter Characteristics . . . . . . . . . . . . . . . . . . . . . . . .124
14.9
EPROM Programming Characteristics . . . . . . . . . . . . . . . . . .124
14.10 SIOP Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .125
14.11 Control Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .126
Section 15. Mechanical Specifications
15.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .129
15.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .129
15.3
Plastic Dual In-Line Package (Case 710) . . . . . . . . . . . . . . . .130
15.4
Small Outline Integrated Circuit Package (Case 751F) . . . . .130
Section 16. Ordering Information
16.1
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .131
16.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .131
16.3
MC Order Numbers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .131
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com