Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705P6AGRS/D Datasheet(PDF) 80 Page - NXP Semiconductors

Part # HC705P6AGRS/D
Description  The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705P6AGRS/D Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button HC705P6AGRS/D Datasheet HTML 76Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 77Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 78Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 79Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 80Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 81Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 82Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 83Page - NXP Semiconductors HC705P6AGRS/D Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 134 page
background image
Analog Subsystem
General Release Specification
MC68HC705P6A — Rev. 1.0
Analog Subsystem
9.6 A/D Status and Control Register (ADSC)
The ADSC register reports the completion of A/D conversion and
provides control over oscillator selection, analog subsystem power, and
input channel selection. See Figure 9-1.
CC — Conversion Complete
This read-only status bit is set when a conversion sequence has
completed and data is ready to be read from the ADC register. CC is
cleared when the ADSC is written to or when data is read from the
ADC register. Once a conversion has been started, conversions of
the selected channel will continue every 32 internal clock cycles until
the ADSC register is written to again. During continuous conversion
operation, the ADC register will be updated with new data, and the CC
bit set every 32 internal clock cycles. Also, data from the previous
conversion will be overwritten regardless of the state of the CC bit.
ADRC — RC Oscillator Control
When ADRC is set, the A/D subsystem operates from the internal RC
oscillator instead of the internal clock. The RC oscillator requires a
time, tRCON, to stabilize before accurate conversion results can be
obtained. See 9.3.2 Reference Voltage (VREFH) for more
information.
ADON — A/D Subsystem On
When the A/D subsystem is turned on (ADON = 1), it requires a time,
tADON, to stabilize before accurate conversion results can be attained.
$001E
Bit 7
654321
Bit 0
Read:
CC
ADRC
ADON
00
CH2
CH1
CH0
Write:
Reset:
00000000
= Unimplemented
Figure 9-1. A/D Status and Control Register (ADSC)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com