Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2888 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC2888
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2888 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC2888 Datasheet HTML 6Page - NXP Semiconductors LPC2888 Datasheet HTML 7Page - NXP Semiconductors LPC2888 Datasheet HTML 8Page - NXP Semiconductors LPC2888 Datasheet HTML 9Page - NXP Semiconductors LPC2888 Datasheet HTML 10Page - NXP Semiconductors LPC2888 Datasheet HTML 11Page - NXP Semiconductors LPC2888 Datasheet HTML 12Page - NXP Semiconductors LPC2888 Datasheet HTML 13Page - NXP Semiconductors LPC2888 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
LPC2880_LPC2888_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 22 June 2006
10 of 34
Philips Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
LCD interface
LCS/P4[0]
B3
FO
chip select to LCD device, programmable polarity; 5 V tolerant GPIO pin
LD0/P4[4]
C2
FO
data bus to/from LCD (I/O) or 5 V tolerant GPIO pins
LD1/P4[5]
C1
FO
LD2/P4[6]
C3
FO
LD3/P4[7]
D2
FO
LD4/P4[8]
D1
FO
LD5/P4[9]
D3
FO
LD6/P4[10]
E2
FO
LD7/P4[11]
E3
FO
LER/P4[3]
F2
FO
6800 E or 8080 RD or 5 V tolerant GPIO pin
LRS/P4[1]
F3
FO
‘high’ data register select, ‘low’ instruction register select, or 5 V tolerant GPIO
pin
LRW/P4[2]
G2
FO
6800 W/R or 8080 WR or 5 V tolerant GPIO pin
Memory card interface
MCMD/P5[1]
H2
FI
command (I/O); 5 V tolerant GPIO pin
MD0/P5[5]
H3
FI
data bus from/to MCI/SD card (I/O); 5 V tolerant GPIO pin
MD1/P5[4]
J2
FI
data bus from/to MCI/SD card (I/O); 5 V tolerant GPIO pin
MD2/P5[3]
J1
FI
data bus from/to MCI/SD card (I/O); 5 V tolerant GPIO pin
MD3/P5[2]
J3
FI
data bus from/to MCI/SD card (I/O); 5 V tolerant GPIO pin
MCLK/P5[0]
G3
FO
MCI clock output; 5 V tolerant GPIO pin
Oscillator (32.768 kHz)
X32I
V7
I
32.768 kHz oscillator input
X32O
T8
O
32.768 kHz oscillator output
VDD(OSC321V8)
U8
P
1.8 V
VSS(OSC32)
V8
P
ground
Oscillator (main)
XTALI
T10
I
main oscillator input
XTALO
V9
O
main oscillator output
VDD(OSC1V8)
U9
P
1.8 V
VSS(OSC)
T9
P
ground
Reset
RESET
T14
I
master reset, active LOW; 5 V tolerant pin
UART
CTS/P6[2]
K2
FI
clear to send or transmit flow control, active LOW; 5 V tolerant GPIO pin
RXD/P6[0]
K3
FI
serial input; 5 V tolerant GPIO pin
RTS/P6[3]
K1
FO
request to send or receive flow control, active LOW; 5 V tolerant GPIO pin
TXD/P6[1]
L3
FO
serial output; 5 V tolerant GPIO pin
Table 4.
Pin description …continued
Signal name
Ball #
Type[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com