Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2888 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # LPC2888
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2888 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button LPC2888 Datasheet HTML 20Page - NXP Semiconductors LPC2888 Datasheet HTML 21Page - NXP Semiconductors LPC2888 Datasheet HTML 22Page - NXP Semiconductors LPC2888 Datasheet HTML 23Page - NXP Semiconductors LPC2888 Datasheet HTML 24Page - NXP Semiconductors LPC2888 Datasheet HTML 25Page - NXP Semiconductors LPC2888 Datasheet HTML 26Page - NXP Semiconductors LPC2888 Datasheet HTML 27Page - NXP Semiconductors LPC2888 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
LPC2880_LPC2888_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 22 June 2006
24 of 34
Philips Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
6.20.4 PLLs
The LPC2880/LPC2888 includes two PLLs: a low power PLL that may be used to provide
clocks to most chip functions; a high-speed PLL that may be used to generate faster
clocks for selected chip functions, if needed. Each PLL can be driven from several clock
sources. These include the main oscillator (1 MHz to 20 MHz), the RTC oscillator
(32 kHz), the bit clock or word select inputs of the I2S input channel, the clock input from
the SD/MMC Card interface, or the output clock from the other PLL.
The low power PLL takes the input clock and multiplies it up to a higher frequency (by 1 to
32), then divides it down (by 1, 2, 4, or 8) to provide the output clock used by the CGU.
The output frequency of this PLL can range from 9.75 MHz to 160 MHz. Functional blocks
may have limitations below this upper limit.
The high-speed PLL takes the input clock, optionally divides it down (by 1 to 256), then
multiplies it up to a higher frequency (by 1 to 1024), then divides it down (by 1 to 16) to
provide the output clock used by the CGU. The output frequency of this PLL can range
from 17 MHz to 550 MHz. Functional blocks may have limitations below this upper limit.
6.20.5 Power control and modes
Power control on the LPC2880/LPC2888 is accomplished by detailed control over the
clocking of each functional block via the CGU. The LPC2880/LPC2888 includes a very
versatile clocking scheme that provides a great deal of control over performance and
power usage.
On-chip functions are divided into 11 groups. Each group has a selection for one of
several basic clock sources. Graceful (glitch-free) switching between these clock sources
is provided.
Three of these functional groups include a fractional divider that allows any rate below the
selected clock to be derived. Three other functional groups include more than one
fractional divider (up to six), allowing several different clock rates to be generated within
the group. Each function within the group can then be assigned to use any one of the
generated clocks.
Each function within any group can also be individually turned off by disabling the clock to
that function. When added to the versatile clock rate selection, this allows very detailed
control of power utilization.
Each function also can be configured to have clocks automatically turned on and off
based on a signal from the Event Router.
6.20.6 APB bus
Many peripheral functions are accessed by on-chip APB buses that are attached to the
higher speed AHB bus. The APB bus performs reads and writes to peripheral registers in
three peripheral clocks.
6.21 Emulation and debugging
The LPC2880/LPC2888 supports emulation via a dedicated JTAG serial port. The
dedicated JTAG port allows debugging of all chip features without impact to any pins that
may be used in the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com