Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2888 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # LPC2888
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2888 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button LPC2888 Datasheet HTML 22Page - NXP Semiconductors LPC2888 Datasheet HTML 23Page - NXP Semiconductors LPC2888 Datasheet HTML 24Page - NXP Semiconductors LPC2888 Datasheet HTML 25Page - NXP Semiconductors LPC2888 Datasheet HTML 26Page - NXP Semiconductors LPC2888 Datasheet HTML 27Page - NXP Semiconductors LPC2888 Datasheet HTML 28Page - NXP Semiconductors LPC2888 Datasheet HTML 29Page - NXP Semiconductors LPC2888 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
LPC2880_LPC2888_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 22 June 2006
26 of 34
Philips Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
7.
Limiting values
[1]
The following applies to Table 5:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
[2]
All inputs are 5 V tolerant except external memory bus and USB pins.
[3]
Including voltage on outputs in 3-state mode.
[4]
5 V tolerant pins
[5]
Other I/O pins.
[6]
Per supply pin.
[7]
Per ground pin.
[8]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
Ω series resistor.
[9]
Machine model: equivalent to discharging a 200 pF capacitor through a 0.75
µH coil and a 10 Ω series resistor.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD(1V8)
supply voltage (1.8 V)
−0.5
+1.95
V
VDD(3V3)
supply voltage (3.3 V)
−0.5
+3.6
V
VDD(EMC)
external memory controller
supply voltage
in 1.8 V range
−0.5
+1.95
V
in 3.3 V range
−0.5
+3.6
V
VIA
analog input voltage
−0.5
VVDD(ADC3V3)
V
VI
input voltage
[2][3][4]
−0.5
+5.0
V
[2][3][5]
−0.5
+3.6
V
IDD
supply current
[6] <tbd>
<tbd>
mA
ISS
ground current
[7] <tbd>
<tbd>
mA
Tstg
storage temperature
−40
+125
°C
Ptot(pack)
total power dissipation (per
package)
based on package
heat transfer, not
device power
consumption
-
<tbd>
W
Vesd
electrostatic discharge voltage
human body model
[8]
all pins
−2000
+2000
V
machine model
[9]
all pins
−200
+200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com