Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2888 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # LPC2888
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2888 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button LPC2888 Datasheet HTML 8Page - NXP Semiconductors LPC2888 Datasheet HTML 9Page - NXP Semiconductors LPC2888 Datasheet HTML 10Page - NXP Semiconductors LPC2888 Datasheet HTML 11Page - NXP Semiconductors LPC2888 Datasheet HTML 12Page - NXP Semiconductors LPC2888 Datasheet HTML 13Page - NXP Semiconductors LPC2888 Datasheet HTML 14Page - NXP Semiconductors LPC2888 Datasheet HTML 15Page - NXP Semiconductors LPC2888 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
LPC2880_LPC2888_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 22 June 2006
12 of 34
Philips Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
6.
Functional description
6.1 Architectural overview
The LPC2880/LPC2888 includes an ARM7TDMI CPU with an 8 kB cache, an AMBA AHB
interfacing to high-speed on-chip peripherals and internal and external memory, and four
AMBA APBs for connection to other on-chip peripheral functions.
The LPC2880/LPC2888 includes a multi-layer AHB and four separate APBs, in order to
minimize interference between the USB controller, other DMA operations, and processor
activity. Bus masters include the ARM7 itself, the USB block, and the general purpose
DMA controller.
Lower speed peripheral functions are connected to the APB buses. The four AHB-to-APB
bridges interface the APB buses to the AHB bus.
6.1.1 ARM7TDMI processor
The ARM7TDMI is a general purpose 32-bit microprocessor that offers high performance
and very low power consumption. The ARM architecture is based on RISC principles, and
the instruction set and related decode mechanism are much simpler than those of
microprogrammed CISCs. This simplicity results in a high instruction throughput and
impressive real-time interrupt response from a small and cost-effective processor core.
Pipeline techniques are employed so that all parts of the processing and memory systems
can operate continuously. Typically, while one instruction is being executed, its successor
is being decoded, and a third instruction is being fetched from memory.
The ARM7TDMI processor also employs a unique architectural strategy known as Thumb,
which makes it ideally suited to high-volume applications with memory restrictions, or
applications where code density is an issue.
The key idea behind Thumb is that of a super-reduced instruction set. Essentially, the
ARM7TDMI processor has two instruction sets:
• The standard 32-bit ARM instruction set.
• A 16-bit Thumb instruction set.
The Thumb set’s 16-bit instruction length allows it to approach twice the density of
standard ARM code while retaining most of the ARM’s performance advantage over a
traditional 16-bit processor using 16-bit registers. This is possible because Thumb code
operates on the same 32-bit register set as ARM code.
Thumb code is able to provide down to 65 % of the code size of ARM, and 160 % of the
performance of an equivalent ARM processor connected to a 16-bit memory system.
The ARM7TDMI processor is described in detail on the ARM web site.
6.1.2 On-chip flash memory system
The LPC2880/LPC2888 includes a 1 MB flash memory system. This memory may be
used for both code and data storage. Programming of the flash memory may be
accomplished in several ways. It may be programmed In System via the USB port. The
application program may also erase and/or program the flash while the application is
running, allowing a great degree of flexibility for data storage field firmware upgrades, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com