Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2888 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC2888
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2888 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC2888 Datasheet HTML 7Page - NXP Semiconductors LPC2888 Datasheet HTML 8Page - NXP Semiconductors LPC2888 Datasheet HTML 9Page - NXP Semiconductors LPC2888 Datasheet HTML 10Page - NXP Semiconductors LPC2888 Datasheet HTML 11Page - NXP Semiconductors LPC2888 Datasheet HTML 12Page - NXP Semiconductors LPC2888 Datasheet HTML 13Page - NXP Semiconductors LPC2888 Datasheet HTML 14Page - NXP Semiconductors LPC2888 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
LPC2880_LPC2888_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 22 June 2006
11 of 34
Philips Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
[1]
I = input; O = output; I/O = input/output; RV = reference voltage; FI = functional input; FO = functional output; P = power or ground
USB interface
DM
T17
I/O
negative USB data line
DP
U17
I/O
positive USB data line
VBUS/P7[0]
U14
FI
USB supply detection; 5 V tolerant GPIO pin
RPU
T15
P
external 1.5 k
Ω resistor to analog ground
RREF
P16
P
external 12 k
Ω resistor to analog supply voltage (3.3 V)
VDD1(USB1V8)
U15
P
analog 1.8 V
VDD2(USB1V8)
U16
P
analog 1.8 V
VDD3(USB3V3)
U18
P
analog 3.3 V
VDD4(USB3V3)
V18
P
analog 3.3 V
VSS1(USB)
R17
P
analog ground
VSS2(USB)
R16
P
analog ground
VSS3(USB)
T16
P
analog ground
Digital power and ground
VDD1(CORE1V8)
H1
P
1.8 V for internal RAM and ROM
VDD1(FLASH1V8)
V15
P
1.8 V for internal flash memory
VDD1(EMC)
A16
P
1.8 V or 3.3 V for external memory controller
VDD1(IO3V3)
E1
P
3.3 V for peripherals
VDD2(CORE1V8)
V11
P
1.8 V for core
VDD2(EMC)
A7
P
1.8 V or 3.3 V for external memory controller
VDD2(FLASH1V8)
V16
P
1.8 V for internal flash memory
VDD2(IO3V3)
V5
P
3.3 V for peripherals
VDD3(IO3V3)
V14
P
3.3 V for peripherals
VDD4(IO3V3)
J18
P
3.3 V for peripherals
VSS1(CORE)
G1
P
ground for internal RAM and ROM
VSS1(EMC)
A15
P
ground for external memory controller
VSS1(INT)
T12
P
ground for other internal blocks
VSS1(IO)
F1
P
ground for peripherals
VSS2(CORE)
V12
P
ground for core
VSS2(EMC)
A6
P
ground for external memory controller
VSS2(INT)
U11
P
ground for other internal blocks
VSS2(IO)
V6
P
ground for peripherals
VSS3(CORE)
V17
P
ground for core, substrate, flash
VSS3(INT)
T11
P
ground for other internal blocks
VSS3(IO)
V13
P
ground for peripherals
VSS4(IO)
H18
P
ground for peripherals
Table 4.
Pin description …continued
Signal name
Ball #
Type[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com