Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2888 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC2888
Description  16/32-bit ARM microcontrollers; 8 kB cache, up to 1 MB flash, Hi-Speed USB 2.0 device, and SDRAM memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2888 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC2888 Datasheet HTML 24Page - NXP Semiconductors LPC2888 Datasheet HTML 25Page - NXP Semiconductors LPC2888 Datasheet HTML 26Page - NXP Semiconductors LPC2888 Datasheet HTML 27Page - NXP Semiconductors LPC2888 Datasheet HTML 28Page - NXP Semiconductors LPC2888 Datasheet HTML 29Page - NXP Semiconductors LPC2888 Datasheet HTML 30Page - NXP Semiconductors LPC2888 Datasheet HTML 31Page - NXP Semiconductors LPC2888 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
LPC2880_LPC2888_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01 — 22 June 2006
28 of 34
Philips Semiconductors
LPC2880; LPC2888
16/32-bit ARM microcontrollers with external memory interface
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (+25
°C), nominal supply voltages.
[2]
Applies to pins VDD1(CORE1V8), VDD2(CORE1V8), VDD1(FLASH1V8), VDD2(FLASH1V8), VDD(OSC1V8), VDD(OSC321V8), VDD1(USB1V8), VDD2(USB1V8).
[3]
External supply voltage; applies to pins VDD3(USB3V3), VDD4(USB3V3), VDD1(IO3V3), VDD2(IO3V3), VDD3(IO3V3), VDD4(IO3V3).
[4]
Applies to pins VDD(DADC3V3), VDD(ADC3V3), VDD(DAC3V3), VDD1(AMP3V3), VDD2(AMP3V3).
[5]
External supply voltage; applies to pins VDD1(EMC), VDD2(EMC).
[6]
Referenced to the applicable VDD for the pin.
[7]
Including voltage on outputs in 3-state mode.
[8]
The applicable VDD voltage for the pin must be present.
[9]
1.8 V inputs.
[10] 3.3 V inputs.
[11] Accounts for 100 mV voltage drop in all supply lines.
[12] Only allowed for a short time period.
[13] Applies to pins VDD1(CORE1V8), VDD2(CORE1V8), VDD1(FLASH1V8), VDD2(FLASH1V8)
[14] Applies to pin VDD(OSC1V8).
[15] Applies to pin VDD(OSC321V8).
[16] Applies to pin VDD(ADC3V3).
[17] Applies to pins VDD(DADC1V8), VDD(DADC3V3).
[18] Applies to pin VDD(DAC3V3).
[19] Applies to pins VDD1(AMP3V3), VDD2(AMP3V3).
IDDO(DAC)
DAC output supply current
normal
[18] -
<tbd>
-
mA
powered down
[18] -
<tbd>
-
µA
IDDOA
analog output supply current
normal
[19] -
<tbd>
-
mA
powered down
[19] -
<tbd>
-
µA
Table 6.
Static characteristics …continued
Ta = −40 °C to +85 °C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com