Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56307/D Datasheet(PDF) 3 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 3 Page - Motorola, Inc

  DSP56307/D Datasheet HTML 1Page - Motorola, Inc DSP56307/D Datasheet HTML 2Page - Motorola, Inc DSP56307/D Datasheet HTML 3Page - Motorola, Inc DSP56307/D Datasheet HTML 4Page - Motorola, Inc DSP56307/D Datasheet HTML 5Page - Motorola, Inc DSP56307/D Datasheet HTML 6Page - Motorola, Inc DSP56307/D Datasheet HTML 7Page - Motorola, Inc DSP56307/D Datasheet HTML 8Page - Motorola, Inc DSP56307/D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 156 page
background image
DSP56307
Features
MOTOROLA
DSP56307 Technical Data
iii
FEATURES
High-Performance DSP56300 Core
¥
100 million instructions per second (MIPS) with a 100 MHz clock at 2.5 V core and
3.3 V I/O
¥
Object code compatible with the DSP56000 core
¥
Highly parallel instruction set
¥
Data arithmetic logic unit (ALU)
Ð
Fully pipelined 24 x 24-bit parallel multiplier-accumulator
Ð
56-bit parallel barrel shifter (fast shift and normalization; bit stream generation and
parsing)
Ð
Conditional ALU instructions
Ð
24-bit or 16-bit arithmetic support under software control
¥
Program control unit (PCU)
Ð
Position independent code (PIC) support
Ð
Addressing modes optimized for DSP applications (including immediate offsets)
Ð
On-chip instruction cache controller
Ð
On-chip memory-expandable hardware stack
Ð
Nested hardware DO loops
Ð
Fast auto-return interrupts
¥
Direct memory access (DMA)
Ð
Six DMA channels supporting internal and external accesses
Ð
One-, two-, and three- dimensional transfers (including circular buffering)
Ð
End-of-block-transfer interrupts
Ð
Triggering from interrupt lines and all peripherals
¥
Phase-locked loop (PLL)
Ð
Allows change of low power divide factor (DF) without loss of lock
Ð
Output clock with skew elimination
¥
Hardware debugging support
Ð
On-Chip Emulation (OnCE
™) module
Ð
Joint test action group (JTAG) test access port (TAP)
Ð
Address trace mode reflects internal Program RAM accesses at the external port
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com