Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56307/D Datasheet(PDF) 86 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 86 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 82Page - Motorola, Inc DSP56307/D Datasheet HTML 83Page - Motorola, Inc DSP56307/D Datasheet HTML 84Page - Motorola, Inc DSP56307/D Datasheet HTML 85Page - Motorola, Inc DSP56307/D Datasheet HTML 86Page - Motorola, Inc DSP56307/D Datasheet HTML 87Page - Motorola, Inc DSP56307/D Datasheet HTML 88Page - Motorola, Inc DSP56307/D Datasheet HTML 89Page - Motorola, Inc DSP56307/D Datasheet HTML 90Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 156 page
background image
2-50
DSP56307 Technical Data
MOTOROLA
Specifications
External Memory Interface (Port A)
Arbitration Timings
Table 2-18
Arbitration Bus Timings1
No.
Characteristics
Expression
100 MHz
Unit
Min Max
212 CLKOUT high to BR assertion/deassertion2
Ñ
1.0
4.0
ns
213 BG asserted/deasserted to CLKOUT high (setup)3
Ñ
4.0
Ñ
ns
214 CLKOUT high to BG deasserted/asserted (hold)3
Ñ
0.0
Ñ
ns
215 BB deassertion to CLKOUT high (input setup)3
Ñ
4.0
Ñ
ns
216 CLKOUT high to BB assertion (input hold)3
Ñ
0.0
Ñ
ns
217 CLKOUT high to BB assertion (output)
Ñ
1.0
4.0
ns
218 CLKOUT high to BB deassertion (output)
Ñ
1.0
4.0
ns
219 BB high to BB high impedance (output)
Ñ
Ñ
4.5
ns
220 CLKOUT high to address and controls active
0.25
× T
C
2.5
Ñ
ns
221 CLKOUT high to address and controls high impedance
0.25
× T
C
Ñ
2.5
ns
222 CLKOUT high to AA active
0.25
× T
C
2.5
Ñ
ns
223 CLKOUT high to AA deassertion4
0.25
× T
C + 4.0
3.2
6.5
ns
224 CLKOUT high to AA high impedance
0.75
× T
C
Ñ
7.5
ns
225 BG deassertion to BB assertion (output)5
2.5
× T
C + 5
Ñ
30
ns
226 BB (input) assertion to BG assertion5
2
× T
C + 5
25
Ñ
ns
Notes:
1.
The asynchronous delays specified in the expressions are valid for DSP56307.
2.
T212 is valid for address trace mode when the ATE bit (Bit 15) in the OMR is set. BR is
deasserted for internal accesses and asserted for external accesses.
3.
T213, T214, T215, and T216 are valid only when the ABE bit (Bit 13) in the OMR is cleared.
4.
When an expression appears with both a minimum and maximum value, use the expression
to calculate worst case.
5.
Asynchronous bus arbitration mode inserts a delay between changes in BG and BB until the
change is actually ÒseenÓ by the chip internally (i.e., this delay is required because internal
chip operation is synchronous). T225 and T226 are valid for asynchronous bus arbitration
mode only (i.e., when the ABE bit in the OMR is set). If ABE is set, T213, T214, T215, and T216
are not required for proper operation, and BG and BB do not have setup and input hold
requirements with respect to CLKOUT. The delay between the deassertion of BG for a
DSP56307 and the assertion of a second BG to another DSP56307 must be greater than the
sum of T225 (for the first chip) and T226 (for the second chip) to prevent bus access by more
than one DSP at a time.
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com