Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56307/D Datasheet(PDF) 8 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 8 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 4Page - Motorola, Inc DSP56307/D Datasheet HTML 5Page - Motorola, Inc DSP56307/D Datasheet HTML 6Page - Motorola, Inc DSP56307/D Datasheet HTML 7Page - Motorola, Inc DSP56307/D Datasheet HTML 8Page - Motorola, Inc DSP56307/D Datasheet HTML 9Page - Motorola, Inc DSP56307/D Datasheet HTML 10Page - Motorola, Inc DSP56307/D Datasheet HTML 11Page - Motorola, Inc DSP56307/D Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 156 page
background image
1-2
DSP56307 Technical Data
MOTOROLA
Signals/Connections
Signal Groupings
Figure 1-1
Signals Identified by Functional Group
DSP56307
24
18
External
Address Bus
External
Data Bus
External
Bus
Control
Enhanced
Synchronous Serial
Interface Port 0
(ESSI0)2
Timers3
PLL
OnCE/JTA
G Port
Power Inputs:
PLL
Core Logic
I/O
Address Bus
Data Bus
Bus Control
HI08
ESSI/SCI/Timer
A0–A17
D0–D23
AA0–AA3/
RAS0–RAS3
RD
WR
TA
BR
BG
BB
CAS
BCLK
BCLK
TCK
TDI
TDO
TMS
TRST
DE
CLKOUT
PCAP
After
Reset
NMI
VCCP
VCCQL
VCCQH
VCCA
VCCD
VCCC
VCCH
VCCS
4
Serial
Communications
Interface (SCI) Port2
4
2
2
Grounds:
PLL
PLL
Internal Logic
Address Bus
Data Bus
Bus Control
HI08
ESSI/SCI/Timer
GNDP
GNDP1
GNDQ
GNDA
GNDD
GNDC
GNDH
GNDS
4
4
4
2
Interrupt/M
ode Control
MODA
MODB
MODC
MODD
RESET
Host
Interface
(HI08) Port1
Non-Multiplexe
d Bus
H0–H7
HA0
HA1
HA2
HCS/HCS
Single DS
HRW
HDS/HDS
Single HR
HREQ/HREQ
HACK/HACK
RXD
TXD
SCLK
SC00–SC02
SCK0
SRD0
STD0
TIO0
TIO1
TIO2
8
3
3
2
EXTAL
XTAL
Clock
Enhanced
Synchronous Serial
Interface Port 1
(ESSI1)2
SC10–SC12
SCK1
SRD1
STD1
3
Multiplexed
Bus
HAD0–HAD7
HAS/HAS
HA8
HA9
HA10
Double DS
HRD/HRD
HWR/HWR
Double HR
HTRQ/HTRQ
HRRQ/HRRQ
Port B
GPIO
PB0–PB7
PB8
PB9
PB10
PB13
PB11
PB12
PB14
PB15
Port E GPIO
PE0
PE1
PE2
Port C GPIO
PC0–PC2
PC3
PC4
PC5
Port D GPIO
PD0–PD2
PD3
PD4
PD5
Timer GPIO
TIO0
TIO1
TIO2
Port A
4
AA0601
Note:
1.
The HI08 port supports a non-multiplexed or a multiplexed bus, single or double Data Strobe (DS), and single or
double Host Request (HR) configurations. Since each of these modes is configured independently, any combination
of these modes is possible. These HI08 signals can also be configured alternately as GPIO signals (PB0–PB15).
Signals with dual designations (e.g., HAS/HAS) have configurable polarity.
2.
The ESSI0, ESSI1, and SCI signals are multiplexed with the Port C GPIO signals (PC0–PC5), Port D GPIO signals
(PD0–PD5), and Port E GPIO signals (PE0–PE2), respectively.
3.
TIO0–TIO2 can be configured as GPIO signals.
IRQA
IRQB
IRQC
IRQD
PINIT
3
RESET
During Reset
After Reset
Reset
During
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com