Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56307/D Datasheet(PDF) 39 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 39 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 35Page - Motorola, Inc DSP56307/D Datasheet HTML 36Page - Motorola, Inc DSP56307/D Datasheet HTML 37Page - Motorola, Inc DSP56307/D Datasheet HTML 38Page - Motorola, Inc DSP56307/D Datasheet HTML 39Page - Motorola, Inc DSP56307/D Datasheet HTML 40Page - Motorola, Inc DSP56307/D Datasheet HTML 41Page - Motorola, Inc DSP56307/D Datasheet HTML 42Page - Motorola, Inc DSP56307/D Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 156 page
background image
Specifications
DC Electrical Characteristics
MOTOROLA
DSP56307 Technical Data
2-3
DC ELECTRICAL CHARACTERISTICS
Table 2-3
DC Electrical Characteristics1
Characteristics
Symbol
Min
Typ
Max
Unit
Supply voltage:
¥
Core (VCCQL)
9 and PLL (VCCP)
4.
I/O (VCCQH, VCCA, VCCD, VCCC,
VCCH, and VCCS)
10
VCC
2.3
3.0
2.5
3.3
2.7
3.6
V
Input high voltage
¥
D0ÐD23, BG, BB, TA
¥
MOD2/IRQ2, RESET, PINIT/NMI
and all
JTAG/ESSI/SCI/Timer/HI08 pins
¥
EXTAL3
VIH
VIHP
VIHX
2.0
2.0
0.8
× V
CCQH
Ñ
Ñ
Ñ
VCCQH
VCCQH + 0.3
VCCQH
V
V
V
Input low voltage
¥
D0ÐD23, BG, BB, TA, MOD2/IRQ2,
RESET, PINIT
¥
All JTAG/ESSI/SCI/Timer/HI08
pins
¥
EXTAL3
VIL
VILP
VILX
Ð0.3
Ð0.3
Ð0.3
Ñ
Ñ
Ñ
0.8
0.8
0.2
× V
CCQH
V
V
V
Input leakage current
(@ maximum VCCQH / 0.0 V)
IIN
Ð10
Ñ
10
µA
High impedance (off-state) input current
(@ maximum VCCQH / 0.0 V)
ITSI
Ð10
Ñ
10
µA
Output high voltage
¥
TTL (IOH = Ð0.4 mA)
4,5
¥
CMOS (IOH = Ð10 µA)
4
VOH
2.4
VCCQH Ð 0.01
Ñ
Ñ
Ñ
Ñ
V
V
Output low voltage
¥
TTL (Port A IOL = 1.6 mA,
non-Port A IOL = 3.2 mA,
open-drain pins IOL = 6.7 mA)
4,5
¥
CMOS (IOL = 10 µA)
4
VOL
Ñ
Ñ
Ñ
Ñ
0.4
0.01
V
V
Internal supply current6:
¥
In Normal mode
¥
In Wait mode7
¥
In Stop mode8
ICCI
ICCW
ICCS
Ñ
Ñ
Ñ
120
5
100
Ñ
Ñ
Ñ
mA
mA
µA
PLL supply current in Stop mode4
ÑÑ
1
Ñ
mA
Input capacitance4
CIN
Ñ
Ñ
10
pF
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com