Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56307/D Datasheet(PDF) 7 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 7 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 3Page - Motorola, Inc DSP56307/D Datasheet HTML 4Page - Motorola, Inc DSP56307/D Datasheet HTML 5Page - Motorola, Inc DSP56307/D Datasheet HTML 6Page - Motorola, Inc DSP56307/D Datasheet HTML 7Page - Motorola, Inc DSP56307/D Datasheet HTML 8Page - Motorola, Inc DSP56307/D Datasheet HTML 9Page - Motorola, Inc DSP56307/D Datasheet HTML 10Page - Motorola, Inc DSP56307/D Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 156 page
background image
MOTOROLA
DSP56307 Technical Data
1-1
SECTION 1
SIGNALS/CONNECTIONS
SIGNAL GROUPINGS
The input and output signals of the DSP56307 are organized into functional groups as shown in
Table 1-1
. Figure 1-1 diagrams the DSP56307 signals by functional group. The remainder of this
chapter describes the signal pins in each functional group.
Table 1-1
DSP56307 Functional Signal Groupings
Functional Group
Number of
Signals
Power (VCC)20
Ground (GND)
19
Clock
2
PLL
3
Address bus
Port A1
18
Data bus
24
Bus control
13
Interrupt and mode control
5
Host interface (HI08)
Port B2
16
Enhanced synchronous serial interface (ESSI)
Ports C and D3
12
Serial communication interface (SCI)
Port E4
3
Timer
3
OnCE/JTAG Port
6
Note:
1.
Port A signals define the external memory interface port, including the external
address bus, data bus, and control signals.
2.
Port B signals are the HI08 port signals multiplexed with the GPIO signals.
3.
Port C and D signals are the two ESSI port signals multiplexed with the GPIO
signals.
4.
Port E signals are the SCI port signals multiplexed with the GPIO signals.
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com