Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56307/D Datasheet(PDF) 62 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 62 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 58Page - Motorola, Inc DSP56307/D Datasheet HTML 59Page - Motorola, Inc DSP56307/D Datasheet HTML 60Page - Motorola, Inc DSP56307/D Datasheet HTML 61Page - Motorola, Inc DSP56307/D Datasheet HTML 62Page - Motorola, Inc DSP56307/D Datasheet HTML 63Page - Motorola, Inc DSP56307/D Datasheet HTML 64Page - Motorola, Inc DSP56307/D Datasheet HTML 65Page - Motorola, Inc DSP56307/D Datasheet HTML 66Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 156 page
background image
2-26
DSP56307 Technical Data
MOTOROLA
Specifications
External Memory Interface (Port A)
Table 2-11
DRAM Page Mode Timings, Three Wait States1, 2, 3, 4
No.
Characteristics
Symbol
Expression
66 MHz
80 MHz
100 MHz
Unit
Min Max Min Max Min Max
131 Page mode cycle time
tPC
3.5
× T
C
53.0
Ñ
43.8
Ñ
35.0
Ñ
ns
132 CAS assertion to data valid
(read)
tCAC
66 MHz
:
2
× T
C − 7.5
80 MHz
:
2
× T
C − 6.5
100 MHz
:
2
× T
C − 5.7
Ñ
Ñ
Ñ
22.8
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
18.5
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
14.3
ns
ns
ns
133 Column address valid to data
valid (read)
tAA
66 MHz
:
3
× T
C − 7.5
80 MHz
:
3
× T
C − 6.5
100 MHz
:
3
× T
C − 5.7
Ñ
Ñ
Ñ
37.9
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
31.0
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
24.3
ns
ns
ns
134 CAS deassertion to data not
valid (read hold time)
tOFF
Ñ
0.0
Ñ
0.0
Ñ
0.0
Ñ
ns
135 Last CAS assertion to RAS
deassertion
tRSH
2.5
× T
C − 4.0
33.9
Ñ
27.3
Ñ
21.0
Ñ
ns
136 Previous CAS deassertion to
RAS deassertion
tRHCP
4.5
× T
C − 4.0
64.2
Ñ
52.3
Ñ
41.0
Ñ
ns
137 CAS assertion pulse width
tCAS
2
× T
C − 4.0
26.3
Ñ
21.0
Ñ
16.0
Ñ
ns
138 Last CAS deassertion to RAS
deassertion5
¥
BRW[1:0] = 00
¥
BRW[1:0] = 01
¥
BRW[1:0] = 10
¥
BRW[1:0] = 11
tCRP
2.25
× T
C − 6.0
3.75
× T
C − 6.0
4.75
× T
C − 6.0
6.75
× T
C − 6.0
28.2
51.0
66.2
96.6
Ñ
Ñ
Ñ
Ñ
22.2
40.9
53.4
78.4
Ñ
Ñ
Ñ
Ñ
16.5
31.5
41.5
61.5
Ñ
Ñ
Ñ
Ñ
ns
ns
ns
ns
139 CAS deassertion pulse width
tCP
1.5
× T
C − 4.0
18.7
Ñ
14.8
Ñ
11.0
Ñ
ns
140 Column address valid to CAS
assertion
tASC
TC − 4.0
11.2
Ñ
8.5
Ñ
6.0
Ñ
ns
141 CAS assertion to column
address not valid
tCAH
2.5
× T
C − 4.0
33.9
Ñ
27.3
Ñ
21.0
Ñ
ns
142 Last column address valid to
RAS deassertion
tRAL
4
× T
C − 4.0
56.6
Ñ
46.0
Ñ
36.0
Ñ
ns
143 WR deassertion to CAS
assertion
tRCS
1.25
× T
C − 3.8
15.1
Ñ
11.8
Ñ
8.7
Ñ
ns
144 CAS deassertion to WR
assertion
tRCH
0.75
× T
C − 3.7
7.7
Ñ
5.7
Ñ
3.8
Ñ
ns
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com