Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 37 Page - NXP Semiconductors

Part # C5EC3EARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 33Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 34Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 35Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 36Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 37Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 38Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 39Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 40Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 114 page
background image
Pin Descriptions Grouped by Function
37
03
Table 11 Gigabit Ethernet (GMII/MII) Signals One Cluster Example
SIGNAL NAME*
PIN #†
TOTAL
TYPE
I/O
LABEL
SIGNAL DESCRIPTION
CPn_0
Table 7 1
LVTTL
O
PD
T_CLK
GMII Transmit Clock (125MHz). This clock is used to synchronize the
transmit data.
CPn_1
Table 7 1
LVTTL
I
PU
TCLKI
MII transmit clock. Transmit data aligned to this clock input from
phy in MII mode. 25 Mhz in 100BaseT, 2.5 in Mhz in 10BaseT
CPn_2
Table 7 1
LVTTL
O
PD
TXD(0)
Transmit Data (byte-wide data, least significant bit)
CPn_3
Table 7 1
LVTTL
O
PU
TXD(1)
Transmit Data
CPn_4
Table 7 1
LVTTL
O
PD
TXD(2)
Transmit Data
CPn_5
Table 7 1
LVTTL
O
PU
TXD(3)
Transmit Data
CPn_6
Table 7 1
LVTTL
O
PU
TX_EN
Transmit Enable. When asserted, the data on TXD is encoded and
transmitted on the twisted pair cable.
CPn+1_0
Table 7 1
nc
nc
PD
nc
nc
CPn+1_1
Table 7 1
LVTTL
I
PU
COL
Collision. Asserted when both RX_DV and TX_EN are valid during
half duplex operation.
CPn+1_2
Table 7 1
LVTTL
O
PD
TXD(4)
Transmit Data
CPn+1_3
Table 7 1
LVTTL
O
PU
TXD(5)
Transmit Data
CPn+1_4
Table 7 1
LVTTL
OPD
TXD(6)
Transmit Data
CPn+1_5
Table 7 1
LVTTL
O
PU
TXD(7)
Transmit Data (byte-wide receive data, most significant bit)
CPn+1_6
Table 7 1
LVTTL
O
PU
TX_ER
Transmit Error. Asserting TX_ER when TX_EN is a 1 causes
transmission of the designated “bad code” in lieu of the normal
encoded data on the twisted pair data.
CPn+2_0
Table 7 1
nc
nc
PD
nc
nc
CPn+2_1
Table 7 1
LVTTL
IPU
RCLK
Receive Clock (125MHz)
CPn+2_2
Table 7 1
LVTTL
I
PD
RXD(0)
Receive Data (byte-wide receive data, least significant bit)
CPn+2_3
Table 7 1
LVTTL
I
PU
RXD(1)
Receive Data
CPn+2_4
Table 7 1
LVTTL
IPD
RXD(2)
Receive Data
CPn+2_5
Table 7 1
LVTTL
I
PU
RXD(3)
Receive Data
CPn+2_6
Table 7 1
LVTTL
I
PU
RX_DV
Receive Data Valid. Indicates that there is a receive frame in progress
and that the data present on the RXD signals is valid.
CPn+3_0
Table 7 1
nc
nc
PD
nc
nc
CPn+3_1
Table 7 1
LVTTL
I
PU
CRS
Carrier Sense. Indicates traffic is on the link. CRS is asserted when a
non-idle condition is detected on the receive data stream. CRS is
deasserted when an end of frame or idle condition is detected.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com