Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5EC3EARCH-RM/D Datasheet(PDF) 89 Page - NXP Semiconductors

Part # C5EC3EARCH-RM/D
Description  C-3e Network Processor Silicon Revision A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5EC3EARCH-RM/D Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button C5EC3EARCH-RM/D Datasheet HTML 85Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 86Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 87Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 88Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 89Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 90Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 91Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 92Page - NXP Semiconductors C5EC3EARCH-RM/D Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 114 page
background image
AC Timing Specifications
89
03
MDIO Serial Interface Timing Specifications
The MDIO serial interface timing is shown in Figure 20 and described in Table 45.
Figure 20 MDIO Serial Interface Timing Diagram
Cycle 2
Cycle 3
Cycle 4
Tsic
Tsids
SICL
SIDA
(output)
SIDA
(input)
Tsods Tsodh
Table 45 MDIO Serial Interface Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
Tsic
SICL Cycle Time
40
ns
Tsids
SIDA Input Setup
10
ns
Tsidh
SIDA Input Hold
0.0
ns
Tsods
SIDA Output Setup
10
ns
Tsodh
SIDA Output Hold
10
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com